전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADLCAB 데이터시트(PDF) 33 Page - Renesas Technology Corp

부품명 R7KA8M2ADLCAB
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADLCAB 데이터시트(HTML) 33 Page - Renesas Technology Corp

Back Button R7KA8M2ADLCAB Datasheet HTML 29Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 30Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 31Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 32Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 33Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 34Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 35Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 36Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 295 page
background image
Table 1.16
Pin list for the Standard product (9 of 9)
BGA289
BGA224
BGA169
HLQFP176
Power, System, Clock,
Debug, CAC
I/O
ports
ExBus/
SDRAM
Ex.Interrup
t
SCI/IIC/I3C/SPI/CANFD/USBFS/
USBHS/OSPI/SSIE/SDHI/MMC/
ESWM(GMII, RGMII, MII, RMII)/
PDMIF
GPT/AGT/ULPT/RTC
ADC16H/
DAC12/
ACMPHS
CEU
U16
R14
N13
175
—
P814
—
IRQ16
CRX0/USB_DP
GTIOC8B
—
—
U17
R15
N12
176
VCC_USB
—
—
—
—
—
—
—
Note:
Several pin names have the added suffix of _A, _B, and _C. These suffixes have special conditions for electrical characteristics.
Note 1. There are two types for IIC function, one is a simple IIC by SCI and another is a dedicated IIC. This terminal is for a dedicated IIC.
Table 1.17
Pin list for the SiP product (1 of 8)
BGA303
Power, System, Clock, Debug,
CAC
I/O ports
ExBus/
SDRAM
Ex.Interrup
t
SCI/IIC/I3C/SPI/CANFD/USBFS/USBHS/
OSPI/SSIE/SDHI/MMC/ESWM(GMII,
RGMII, MII, RMII)/PDMIF
GPT/AGT/ULPT/RTC
ADC16H/
DAC12/
ACMPHS
CEU
A1
VSS
—
—
—
—
—
—
—
A2
—
P114
D5/DQ5
IRQ30-DS
CTS_RTS0_A/SS0_A/DE0/SSLA0_B/
SSIRXD0_B/SD0DAT6_B
GTETRGC/GTIOC2B
ADSYNC
—
A3
—
P609
D7/DQ7
IRQ29
TXD0_C/SDA0_C/MOSI0_C/MISOA_B/
CTX1
GTIU/GTIOC5B/ULPTOA1-DS
AD1FLAG1
—
A4
—
P113
D4/DQ4
IRQ28
RXD0_A/SCL0_A/MISO0_A/SSLA1_B/
SSILRCK0_B/SSIFS0_B/SD0DAT5_B
GTETRGB/GTIOC2A/ULPTOA0-
DS
ADST1
—
A5
—
P301
D1/DQ1
IRQ6
TXD6_B/SDA6_B/MOSI6_B/SD0DAT2_B
GTOULO/GTIOC4B/AGTIO0/
ULPTEE0-DS
—
—
A6
TDI
P208
—
IRQ3
RXD9_B/SCL9_B/MISO9_B/CRX1
GTOVLO/GTIOC1B
VCOUT
—
A7
TMS/SWDIO
P210
—
IRQ24
CTS_RTS9_B/SS9_B/DE9
GTOULO/GTIOC0B
—
—
A8
VLO
—
—
—
—
—
—
—
A9
VLO
—
—
—
—
—
—
—
A10
VSS_DCDC
—
—
—
—
—
—
—
A11
VCC_DCDC
—
—
—
—
—
—
—
A12
VCC_DCDC
—
—
—
—
—
—
—
A13
—
P309
—
IRQ25-DS
CTS9_B/ET1_GTX_CLK/RGMII1_TXC
GTCPPO8
VCOUT
VIO_D10
A14
—
P906
—
IRQ9
CTS6_A/USB_ID/SSILRCK1_A/
SSIFS1_A/ET1_RXD0/RGMII1_RXD0/
RMII1_RXD0/PDMDAT0
GTIOC13B/ULPTO1
AD0FLAG1
VIO_D5
A15
—
P905
—
IRQ8
RXD3_B/SCL3_B/MISO3_B/
ET1_RX_CLK/RGMII1_RXC/
RMII1_REF50CK/PDMDAT1
GTCPPO13
AD1FLAG1
VIO_D6
A16
—
P907
—
IRQ10
SCK6_A/DE6/USB_EXICEN/SSIBCK1_A/
ET1_RXD1/RGMII1_RXD1/RMII1_RXD1/
PDMCLK2
GTIOC13A/ULPTEE1
ADSYNC
VIO_D4
A17
—
P207
—
IRQ25
ET1_RXD5
GTCPPO3
—
—
A18
VSS
—
—
—
—
—
—
—
B1
—
P813
SDCS
IRQ15
SCK7_A/DE7/PDMCLK2
GTETRGA/GTIOC7B
—
VIO_D13
B2
—
PA12
D9/DQ9
IRQ11
RXD9_C/SCL9_C/MISO9_C
GTIW/GTIOC6B
—
—
B3
—
P115
D6/DQ6
IRQ31-DS
CTS0_A/MOSIA_B/SSITXD0_B/
SD0DAT7_B
GTETRGD/GTIOC5A
AD0FLAG1
—
B4
—
PA11
D8/DQ8
IRQ10
SCK9_C/DE9
GTIV/GTIOC6A
—
—
B5
—
P112
D3/DQ3
IRQ27
TXD0_A/SDA0_A/MOSI0_A/SSLA2_B/
SSIBCK0_B/SD0DAT4_B
GTETRGA/GTIOC3B/ULPTOB0-
DS
ADST0
—
B6
TDO/SWO/CLKOUT
P209
—
IRQ25
TXD9_B/SDA9_B/MOSI9_B/CTX1
GTOVUP/GTIOC1A
—
—
B7
TCK/SWCLK
P211
—
IRQ23
SCK9_B/DE9
GTOUUP/GTIOC0A
—
—
B8
VLO
—
—
—
—
—
—
—
B9
VLO
—
—
—
—
—
—
—
B10
VSS_DCDC
—
—
—
—
—
—
—
B11
VCC_DCDC
—
—
—
—
—
—
—
B12
VCC_DCDC
—
—
—
—
—
—
—
B13
—
P311
—
IRQ23-DS
SCK3_B/DE3/CRX0/ET1_TX_CLK
GTADSM1/GTCPPO6/AGTOB1
—
VIO_D8
B14
—
P908
—
IRQ11
TXD6_A/SDA6_A/MOSI6_A/CRX1/
USB_OVRCURB/USBHS_ID/ET1_RXD2/
RGMII1_RXD2/PDMCLK1
GTIOC12B/ULPTEVI1
ADST1
VIO_D3
B15
—
P909
—
IRQ21-DS
RXD6_A/SCL6_A/MISO6_A/CTX1/
USB_OVRCURA/USBHS_EXICEN/
ET1_RXD3/RGMII1_RXD3/PDMCLK0
GTIOC12A/ULPTOA1
ADST0
VIO_D2
B16
—
P904
—
IRQ2
ET1_RXD4
GTIOC11B
—
—
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 33 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More