| 전자부품 데이터시트 검색엔진 |
|
R7KA8M2ADECHC 데이터시트(PDF) 48 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2ADECHC 데이터시트(HTML) 48 Page - Renesas Technology Corp |
|
48 / 295 page ![]() 2.2.3 I/O IOH, IOL Table 2.6 I/O IOH, IOL (1 of 5) Parameter VCC/VCC2/ AVCC0/ VCC_USB Symbol Min Typ Max Unit Permissible output current (average value per pin) Ports P000 to P015, P201 — — IOH — — −2.0 mA IOL — — 2.0 mA Ports P204, P205, P303, P407 to P413, P511, P512, P514, P515, P708 to P715, PA15 (total 23 pins) Low drive*1 — IOH — — −2.0 mA IOL — — 2.0 mA Middle drive*2 — IOH — — −4.0 mA IOL — — 4.0 mA High drive*3 — IOH — — −16 mA IOL — — 20.0 mA High-speed high drive*4 — IOH — — −20 mA IOL — — 20.0 mA Other output pins*5 Low drive*1 — IOH — — −2.0 mA IOL — — 2.0 mA Middle drive*2 — IOH — — −4.0 mA IOL — — 4.0 mA High drive*3 — IOH — — −16 mA IOL — — 16.0 mA High-speed high drive*4 — IOH — — −20 mA IOL — — 20.0 mA Permissible output current (max value per pin) Ports P000 to P015, P201 — — IOH — — −4.0 mA IOL — — 4.0 mA Ports P204, P205, P303, P407 to P413, P511, P512, P514, P515, P708 to P715, PA15 (total 23 pins) Low drive*1 — IOH — — −4.0 mA IOL — — 4.0 mA Middle drive*2 — IOH — — −8.0 mA IOL — — 8.0 mA High drive*3 — IOH — — −32 mA IOL — — 40.0 mA High-speed high drive*4 — IOH — — −40 mA IOL — — 40.0 mA Other output pins*5 Low drive*1 — IOH — — −4.0 mA IOL — — 4.0 mA Middle drive*2 — IOH — — −8.0 mA IOL — — 8.0 mA High drive*3 — IOH — — −32 mA IOL — — 32.0 mA High-speed high drive*4 — IOH — — −40 mA IOL — — 40.0 mA RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 48 of 295 |