전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFDCAB 데이터시트(PDF) 12 Page - Renesas Technology Corp

부품명 R7KA8M2AFDCAB
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAB 데이터시트(HTML) 12 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAB Datasheet HTML 8Page - Renesas Technology Corp R7KA8M2AFDCAB Datasheet HTML 9Page - Renesas Technology Corp R7KA8M2AFDCAB Datasheet HTML 10Page - Renesas Technology Corp R7KA8M2AFDCAB Datasheet HTML 11Page - Renesas Technology Corp R7KA8M2AFDCAB Datasheet HTML 12Page - Renesas Technology Corp R7KA8M2AFDCAB Datasheet HTML 13Page - Renesas Technology Corp R7KA8M2AFDCAB Datasheet HTML 14Page - Renesas Technology Corp R7KA8M2AFDCAB Datasheet HTML 15Page - Renesas Technology Corp R7KA8M2AFDCAB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 295 page
background image
Table 1.14
Function Comparison (2 of 2)
Parts number
R7KA8M2
AxxCAC
R7KA8M2
JxxCAC
R7KA8M2
AxxCAB
R7KA8M2
JxxCAB
R7KA8M2
AxxCAM
R7KA8M2
JxxCAM
R7KA8M2
AxxCHC
R7KA8M2
JxxCHC
R7JA8M2
JxxSAJ
Timers
GPT32*1
14
PDG
4
AGT*1
2
ULPT*1
2
RTC
Yes
Analog
ADC16H
Unit 0: 15, Unit 1: 15
Unit 0: 7, Unit 1: 5
Unit 0: 13, Unit 1: 11
Unit 0: 7, Unit 1: 5
Unit 0: 15,
Unit 1: 15
DAC12
2
ACMPHS
4
TSN
Yes
HMI
CEU
Yes
Yes*6
Yes
Data
processing
CRC
Yes
DOC
Yes
Event
control
ELC
Yes
Security
RSIP-E50D, Decryption on-the-fly, Secure Debug, OTP, TrustZone, and Lifecycle management
Note:
The product name differs depending on the supported memory size. See section 1.3. Part Numbering.
Note:
The maximum frequency varies by product group.
Note 1. Available pins depend on the Pin count, about details see section 1.7. Pin Lists.
Note 2. OSPI1 is connected to the serial Flash in the SiP product.
Note 3. OM_0_ECSINT1, OM_0_RSTO1 and OM_0_WP1 pins are not supported.
Note 4. Only SD1CLK_B, SD1CMD_B, SD1DAT0_B to SD1DAT3_B and SD1WP_B pins are supported.
Note 5. Only port 1 is supported.
Note 6. 16-bit interface is not supported.
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 12 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com