전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSF6B 데이터시트(PDF) 3 Page - Clarke International

부품명 CSF6B
상세설명  STOVE FAN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARKE [Clarke International]
홈페이지  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSF6B 데이터시트(HTML) 3 Page - Clarke International

  CSF6B Datasheet HTML 1Page - Clarke International CSF6B Datasheet HTML 2Page - Clarke International CSF6B Datasheet HTML 3Page - Clarke International CSF6B Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
POSITIONING AND USE
1. DO NOT position the fan close to the
chimney flue.
• The optimum operating temperatures
stated are for reference and guidance
only. They may vary in different
environments as fans have been
tested in controlled laboratory
conditions.
2. We recommend the use of a suitable
thermometer to monitor the
temperature and avoid damage to
the components due to overheating.
3. NEVER place the fan on an unprotected surface if the fan base is still hot.
4. DO NOT move the fan when in use unless in an emergency. In this case
remember to wear gloves to protect against burns or injury from the rotating
blades.
5. Keep loose items such as loose fabrics away from the fan when in use.
6. Ensure that children and pets are supervised around the stove and the stove fan.
• The fan will start working when the sensor reaches 50oC. Thereafter, the fan will
spin faster as the temperature increases and will slow down as it decreases. Once
all the fuel has burnt the fan base will cool down along with the stove.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12 months from
the date of purchase. Please keep your receipt which will be required as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or tampered
with in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not effect your statutory rights.
WARNING: THE OPTIMUM OPERATING TEMPERATURE IS 80-250°C
(176-482°F). NEVER USE AT OVER 350°C (662°F)



Html Pages

1 2 3 4