전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GF-DASPA2-24 데이터시트(PDF) 2 Page - ams-OSRAM AG

부품명 GF-DASPA2-24
상세설명  OSCONIQ® P 2226
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GF-DASPA2-24 데이터시트(HTML) 2 Page - ams-OSRAM AG

  GF-DASPA2-24 Datasheet HTML 1Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 2Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 3Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 4Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 5Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 6Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 7Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 8Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GF DASPA2.24
DATASHEET
DATASHEET
2 | Version 1.6 | 2022-09-29
OSCONIQ® P 2226
GF DASPA2.24
High-efficacy mid-power LED with long lifetimes also at high
currents and high junction temperatures.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT package
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 66 mW
- Radiant Efficiency: typ. 37 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com