전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2ADLCAC 데이터시트(PDF) 16 Page - Renesas Technology Corp

부품명 R7KA8D2ADLCAC
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADLCAC 데이터시트(HTML) 16 Page - Renesas Technology Corp

Back Button R7KA8D2ADLCAC Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 14Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 15Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 16Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 17Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 18Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 19Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 292 page
background image
Table 1.15
Pin functions (4 of 7)
Function
Signal
I/O
Description
SCI
SCKn
I/O
Input/output pins for the clock (clock synchronous mode)
RXDn
Input
Input pins for received data (asynchronous mode/clock synchronous mode)
TXDn
Output Output pins for transmitted data (asynchronous mode/clock synchronous mode)
CTSn_RTSn
I/O
Input/output pins for controlling the start of transmission and reception
(asynchronous mode/clock synchronous mode), active-low.
CTSn
Input
Input for the start of transmission.
DEn
Output Driver enable signal for RS-485
SCLn
I/O
Input/output pins for the IIC clock (simple IIC mode)
SDAn
I/O
Input/output pins for the IIC data (simple IIC mode)
SCKn
I/O
Input/output pins for the clock (simple SPI mode)
MISOn
I/O
Input/output pins for slave transmission of data (simple SPI mode)
MOSIn
I/O
Input/output pins for master transmission of data (simple SPI mode)
SSn
Input
Chip-select input pins (simple SPI mode), active-low
IIC
SCLn
I/O
Input/output pins for the clock
SDAn
I/O
Input/output pins for data
I3C
I3C_SCL0
I/O
Input/output pins for the clock
I3C_SDA0
I/O
Input/output pins for data
SPI
RSPCKA, RSPCKB
I/O
Clock input/output pin
MOSIA, MOSIB
I/O
Input or output pins for data output from the master
MISOA, MISOB
I/O
Input or output pins for data output from the slave
SSLA0, SSLB0
I/O
Input or output pin for slave selection
SSLA1 to SSLA3,
SSLB1 to SSLB3
Output Output pins for slave selection
CANFD
CRXn
Input
Receive data
CTXn
Output Transmit data
USBFS
VCC_USB
Input
Power supply pin
VSS_USB
Input
Ground pin
USB_DP
I/O
D+ pin of the USB on-chip transceiver. Connect this pin to the D+ pin of the USB
bus.
USB_DM
I/O
D- pin of the USB on-chip transceiver. Connect this pin to the D- pin of the USB
bus.
USB_VBUS
Input
USB cable connection monitor pin. Connect this pin to VBUS of the USB bus.
The VBUS pin status (connected or disconnected) can be detected when the USB
module is operating as a function controller.
USB_EXICEN
Output Low-power control signal for external power supply (OTG) chip
USB_VBUSEN
Output VBUS (5 V) supply enable signal for external power supply chip
USB_OVRCURA,
USB_OVRCURB
Input
Connect the external overcurrent detection signals to these pins. Connect the
VBUS comparator signals to these pins when the OTG power supply chip is
connected.
USB_OVRCURA-DS,
USB_OVRCURB-DS
Input
Overcurrent pins for USBFS that can also be used in Deep Software Standby
mode 1. Connect the external overcurrent detection signals to these pins. Connect
the VBUS comparator signals to these pins when the OTG power supply chip is
connected.
USB_ID
Input
Connect the MicroAB connector ID input signal to this pin during operation in OTG
mode
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 16 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com