전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2ADDCAC 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 R7KA8D2ADDCAC
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADDCAC 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button R7KA8D2ADDCAC Datasheet HTML 6Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 7Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 9Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 292 page
background image
Table 1.13
Product list
Product part number
Product
group
CPU
MIPI
DSI/CSI
Package code
Code MRAM SRAM Flash
Operating junction
temperature
R7KA8D2ADLCAB
A
single —
PLBG0224JA-A 512 KB
2 MB
—
0 to 95 °C
R7KA8D2ADLCAC
PLBG0289JA-A
R7KA8D2ADDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2ADDCAC
PLBG0289JA-A
R7KA8D2AFLCAB
A
PLBG0224JA-A 1 MB
0 to 95 °C
R7KA8D2AFLCAC
PLBG0289JA-A
R7KA8D2AFDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2AFDCAC
PLBG0289JA-A
R7KA8D2BDLCAB
A
✔
PLBG0224JA-A 512 KB
0 to 95 °C
R7KA8D2BDLCAC
PLBG0289JA-A
R7KA8D2BDDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2BDDCAC
PLBG0289JA-A
R7KA8D2BFLCAB
A
PLBG0224JA-A 1 MB
0 to 95 °C
R7KA8D2BFLCAC
PLBG0289JA-A
R7KA8D2BFDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2BFDCAC
PLBG0289JA-A
R7KA8D2JFLCAB
A
dual
—
PLBG0224JA-A 1 MB
0 to 95 °C
R7KA8D2JFLCAC
PLBG0289JA-A
R7KA8D2JFDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2JFDCAC
PLBG0289JA-A
R7KA8D2KFLCAB
A
✔
PLBG0224JA-A
0 to 95 °C
R7KA8D2KFLCAC
PLBG0289JA-A
R7KA8D2KFDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2KFDCAC
PLBG0289JA-A
R7JA8D2JRLSAJ
A
dual
-
PLBG0303GA-A 1 MB
4 MB 0 to 95 °C
R7JA8D2JSLSAJ
8 MB
R7JA8D2JRDSAJ
B
4 MB -40 to 105 °C
R7JA8D2JSDSAJ
8 MB
R7JA8D2KRLSAJ
A
✔
4 MB 0 to 95 °C
R7JA8D2KSLSAJ
8 MB
R7JA8D2KRDSAJ
B
4 MB -40 to 105 °C
R7JA8D2KSDSAJ
8 MB
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 10 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com