| 전자부품 데이터시트 검색엔진 |
|
LD2TC5 LAB 데이터시트(PDF) 14 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
LD2TC5 LAB 데이터시트(HTML) 14 Page - Wavelength Electronics, Inc. |
|
14 / 31 page ![]() 14 SETTINGS SCREEN 1. Press to access the Settings Screen. 2. Press the Display value to cycle through the display and control temperature units available - Celsius (°C), Fahrenheit (°F), Kelvin (K) or Sensor Raw. 3. Press either Tolerance value and turn the adjustment knob until the desired tolerance window is displayed. A green target symbol will show on the front panel when the actual temperature is within the window defined by setpoint ± the tolerance for the specified amount of time. 4. Move the slider bar on the touchscreen to change the Display Brightness. 5. Press the blue text to toggle the Beeper setting. Figure 19. Settings Screen SAVE/RECALL OPERATIONAL PARAMETERS 1. Access the Settings Screen. 2. Press to access the Save/Recall Screen. 3. Under Save Settings to, press the blue text to toggle through the Profile options, select one, and then press the Save icon. The following operational parameters are saved: TC PARAMETERS LD PARAMETERS Tune Mode Control Mode Temperature Setpoint Laser Setpoint Current Limit, Negative Current Limit Current Limit, Positive Max Laser Voltage Sensor PD Range Sensor Bias Current PD Transfer Function High Temperature Limit PD Bias Voltage On/Off Low Temperature Limit On Delay Time Proportional Gain Cable Resistance Integrator Time Constant Laser Type Differentiator Time Constant Tolerance Temperature Units Cable Resistance Voltage Limit GENERAL PARAMETERS Beeper Mute Status Display Brightness Under Recall Settings from, press the blue text to toggle through the saved Profile options, and then press the Recall icon to recall the saved settings. Select Factory Profile to restore the settings to the factory defaults. Note that the Factory Profile is not editable. Profile names can be set via remote command. Figure 20. Save / Recall Screen |