| 전자부품 데이터시트 검색엔진 |
|
TC15 LAB 데이터시트(PDF) 11 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
TC15 LAB 데이터시트(HTML) 11 Page - Wavelength Electronics, Inc. |
|
11 / 29 page ![]() 11 WIRE AN AUXILIARY THERMISTOR SENSOR 15 14 AUX Figure 11. Auxiliary Sensor Schematic An auxiliary sensor can be used to monitor the temperature of a secondary location in your system, such as the heatsink temperature. To do this, wire a 10 kΩ thermistor to Pins 14 and 15. The sensor temperature reports on the Monitor Screen. WIRE A TEC OR RH LOAD Wire a thermoelectric controller (TEC) or a resistive heater (RH) using Pins A1 and A2 on the 15+2 D-SUB. TEC- (A2) TEC+ (A1) Figure 12. TEC Wiring Diagram TEC- (A2) TEC+ (A1) Figure 13. RH Wiring Diagram |