전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT-DASPA2-13 데이터시트(PDF) 18 Page - ams-OSRAM AG

부품명 GT-DASPA2-13
상세설명  OSCONIQ® P 2226
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GT-DASPA2-13 데이터시트(HTML) 18 Page - ams-OSRAM AG

Back Button GT-DASPA2-13 Datasheet HTML 14Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 15Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 16Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 17Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 18Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 19Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 20Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 21Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 22Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
GT DASPA2.13
DATASHEET
DATASHEET
18 | Version 1.26 | 2022-05-31
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
This device is designed for specific/recommended applications only. Please consult OSRAM Opto
Semiconductors Sales Staff in advance for detailed information on other non-recommended applications
(e.g. automotive).
Change management for this component is aligned with the requirements of the lighting market.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22