전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WME-302DFB 데이터시트(PDF) 5 Page - PATLITE CORPORATION.

부품명 WME-302DFB
상세설명  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PATLITE [PATLITE CORPORATION.]
홈페이지  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WME-302DFB 데이터시트(HTML) 5 Page - PATLITE CORPORATION.

  WME-302DFB Datasheet HTML 1Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 2Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 3Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 4Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 5Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 6Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 7Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 8Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
[Wiring]
WME-□02D
Recommended Fuse
Wire Type & Wire Gauge
Power Supply Wire, Signal Wire and Common Wire
…
UL1061 / AWG24
NPN transistor
PNP transistor
Fuse Ampere Ratings
250V / 1A (5×20mm Fast-Acting Glass Body Cartridge Fuse)
Drawing No.
Rev.
Page
WME-D-W18
D
5 / 9



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com