전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD65 데이터시트(PDF) 1 Page - LightGraphix

부품명 LD65
상세설명  MINIATURE IN GROUND LED PATH MARKER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGHTGRAPHIX [LightGraphix]
홈페이지  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD65 데이터시트(HTML) 1 Page - LightGraphix

  LD65 Datasheet HTML 1Page - LightGraphix LD65 Datasheet HTML 2Page - LightGraphix LD65 Datasheet HTML 3Page - LightGraphix LD65 Datasheet HTML 4Page - LightGraphix LD65 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LD65
Data sheet issued: 8 April 2026
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
>
Manufactured from a single billet of 316 stainless steel
>
No visible fixings
>
Minimal aesthetic
>
Produces 2 x 120° angles of illumination with an output of up to 64lm
>
Integral anti wicking barrier increases protection against moisture ingress due to
incorrect IP rated cable connections
>
Fixing using O-rings and a first fix sleeve
>
Rated IP67 for exterior or interior pathways, staircases and walls
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
KEY FEATURES
DIMENSIONS
For fixings and dimensions please go to page 3.
41
Ø50
Ø27
MINIATURE IN GROUND LED PATH MARKER
LD65
The LD65 is a miniature in-ground LED surface washer that
uses a specially designed reflector to produce 2 x 120° angles
of illumination. It is manufactured from a single billet of 316
stainless steel making it extremely robust. It is useful for a
wide range of applications including steps and pathways and
can be used on interior or exterior walls to create interesting
effects. With no visible fixings they can be secured either by
O-rings and a first fix sleeve, or a ground tube.


유사한 부품 번호 - LD65

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD65D6S-A SENSORTECHNICS-LD65D6S-A Datasheet
1Mb / 4P
Laser Module
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
Laser Pointer
LD65E7S-A SENSORTECHNICS-LD65E7S-A Datasheet
1Mb / 4P
Optical Pick Up
LD65F5S-A SENSORTECHNICS-LD65F5S-A Datasheet
1Mb / 4P
Optical Leveler
More results

유사한 설명 - LD65

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
L5766 HAMAMATSU-L5766 Datasheet
127Kb / 2P
Miniature LED
logo
Hirose Electric
MXR-8PA-3PB HIROSE-MXR-8PA-3PB_1 Datasheet
391Kb / 6P
MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995_05 Datasheet
152Kb / 9P
Miniature LED Driver
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
logo
Hamamatsu Corporation
L5766 HAMAMATSU-L5766_15 Datasheet
106Kb / 2P
Miniature LED
logo
Xilinx, Inc
XAPP689 XILINX-XAPP689 Datasheet
95Kb / 6P
Managing Ground Bounce in Large FPGAs
logo
Hirose Electric
MXR HIROSE-MXR Datasheet
477Kb / 6P
Miniature push-pull connectors with ground function
logo
TE Connectivity Ltd
114-1016 TEC-114-1016 Datasheet
299Kb / 8P
Miniature AMP-IN* Contacts and Miniature AMP-IN 2000 Contacts
logo
STMicroelectronics
STEC01 STMICROELECTRONICS-STEC01 Datasheet
1Mb / 22P
Ground path safety switch with programmable timers
20-Oct-2020
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com