| 전자부품 데이터시트 검색엔진 |
|
RX72M 데이터시트(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX72M 데이터시트(HTML) 24 Page - Renesas Technology Corp |
|
24 / 180 page ![]() RX72M Group 1. Overview R01DS0332EJ0120 Rev.1.20 Page 24 of 180 Nov 15, 2023 Serial peripheral interface RSPCKA-A/RSPCKA-B/ RSPCKB-A/RSPCKB-B/ RSPCKC-A/RSPCKC-B I/O Clock input/output pins MOSIA-A/MOSIA-B/ MOSIB-A/MOSIB-B/ MOSIC-A/MOSIC-B I/O Input or output data output from the master MISOA-A/MISOA-B/ MISOB-A/MISOB-B/ MISOC-A/MISOC-B I/O Input or output data output from the slave SSLA0-A/SSLA0-B/ SSLB0-A/SSLB0-B/ SSLC0-A/SSLC0-B I/O Input or output pins for slave selection SSLA1-A/SSLA1-B/ SSLB1-A/SSLB1-B/ SSLC1-A/SSLC1-B, SSLA2-A/SSLA2-B/ SSLB2-A/SSLB2-B/ SSLC2-A/SSLC2-B, SSLA3-A/SSLA3-B/ SSLB3-A/SSLB3-B/ SSLC3-A/SSLC3-B Output Output pins for slave selection Quad serial peripheral interface QSPCLK-A/QSPCLK-B/ QSPCLK-C Output QSPI clock output pins QSSL-A/QSSL-B/QSSL-C Output QSPI slave output pins QMO-A/QMO-B/QMO-C, QIO0-A/QIO0-B/QIO0-C I/O Master transmit data/data 0 QMI-A/QMI-B/QMI-C, QIO1-A/QIO1-B/QIO1-C I/O Master input data/data 1 QIO2-A/QIO2-B/QIO2-C, QIO3-A/QIO3-B/QIO3-C I/O Data 2, data 3 Serial sound interface enhanced SSIBCK0, SSIBCK1 I/O SSIE serial bit-clock pins SSILRCK0, SSILRCK1 I/O LR clock SSITXD0 Output Serial data output pin SSIRXD0 Input Serial data input pin SSIDATA1 I/O Serial data input/output pin AUDIO_CLK Input External clock pin for audio (input for an oversampling clock) MMC host interface MMC_CLK-A/MMC_CLK-B Output MMC clock pins MMC_CMD-A/MMC_CMD-B I/O Command/response pins MMC_D7-A/MMC_D7-B to MMC_D0-A/MMC_D0-B I/O Transmit data/receive data MMC_CD-A/MMC_CD-B Input Card detection pins MMC_RES#-A/MMC_RES#-B Output MMC reset output pins SD host interface SDHI_CLK-A/SDHI_CLK-B/ SDHI_CLK-C/SDHI_CLK-D Output SD clock output pins SDHI_CMD-A/SDHI_CMD-B/ SDHI_CMD-C/SDHI_CMD-D I/O SD command output, response input signal pins SDHI_D3-A/SDHI_D3-B/ SDHI_D3-C/SDHI_D3-D to SDHI_D0-A/SDHI_D0-B/ SDHI_D0-C/SDHI_D0-D I/O SD data bus pins SDHI_CD Input SD card detection pin SDHI_WP Input SD write-protect signal Table 1.4 Pin Functions (7/9) Classifications Pin Name I/O Description |