| 전자부품 데이터시트 검색엔진 |
|
R5F526TFDDFN 데이터시트(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TFDDFN 데이터시트(HTML) 21 Page - Renesas Technology Corp |
|
21 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 21 of 142 Oct 31, 2024 RX26T Group 1. Overview Serial communications interface (SCIk) Asynchronous mode/clock synchronous mode SCK1, SCK5, SCK6 I/O Input/output pins for the clock RXD1, RXD5, RXD6 Input Input pins for received data TXD1, TXD5, TXD6 Output Output pins for transmitted data CTS1#, CTS5#, CTS6# Input Input pins for controlling the start of transmission and reception. RTS1#, RTS5#, RTS6# Output Output pins for controlling the start of transmission and reception. Simple I2C mode SSCL1, SSCL5, SSCL6 I/O Input/output pins for the I2C clock. SSDA1, SSDA5, SSDA6 I/O Input/output pins for the I2C data. Simple SPI mode SCK1, SCK5, SCK6 I/O Input/output pins for the clock SMISO1, SMISO5, SMISO6 I/O Input/output pins for slave transmit data. SMOSI1, SMOSI5, SMOSI6 I/O Input/output pins for master transmit data. SS1#, SS5#, SS6# Input Chip-select input pins. Serial communications interface (SCIh) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for the clock RXD12 Input Input pin for received data TXD12 Output Output pin for transmitted data CTS12# Input Input pin for controlling the start of transmission and reception RTS12# Output Output pin for controlling the start of transmission and reception Simple I2C mode SSCL12 I/O Input/output pin for the I2C clock SSDA12 I/O Input/output pin for the I2C data Simple SPI mode SCK12 I/O Input/output pin for the clock SMISO12 I/O Input/output pin for slave transmission of data SMOSI12 I/O Input/output pin for master transmission of data SS12# Input Chip-select input pin Extended serial mode RXDX12 Input Input pin for received data TXDX12 Output Output pin for transmitted data SIOX12 I/O Input/output pin for received or transmitted data Serial communications interface (RSCI) Asynchronous mode/clock synchronous mode SCK008, SCK009, SCK011 I/O Input/output pins for the clock RXD008, RXD009, RXD011 Input Input pins for received data TXD008, TXD009, TXD011 Output Output pins for transmitted data CTS008#, CTS009#, CTS011# Input Input pins for controlling the start of transmission and reception RTS008#, RTS009#, RTS011# Output Output pins for controlling the start of transmission and reception DE008, DE009, DE011 Output DriveEnable output pins Simple I2C mode SSCL008, SSCL009, SSCL011 I/O Input/output pins for the I2C clock SSDA008, SSDA009, SSDA011 I/O Input/output pins for the I2C data Table 1.4 Pin Functions (3/5) Classifications Pin Name I/O Description |