전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJCDFB 데이터시트(PDF) 68 Page - Renesas Technology Corp

부품명 R5F564MJCDFB
상세설명  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJCDFB 데이터시트(HTML) 68 Page - Renesas Technology Corp

Back Button R5F564MJCDFB Datasheet HTML 64Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 65Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 66Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 67Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 68Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 69Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 70Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 71Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 68 of 162
Oct 20, 2022
RX64M Group
2. Electrical Characteristics
Note 1. The input leakage current value at the EMLE and BSCANP pins are only when Vin = 0 V.
Table 2.4
DC Characteristics (2)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Output high voltage
All output pins
VOH
VCC – 0.5
—
—
V
IOH = –1 mA
Output low voltage
All output pins
(except for RIIC pins and
ETHERC output pin)
VOL
——
0.5
V
IOL = 1.0 mA
RIIC output pin
—
—
0.4
IOL = 3.0 mA
——
0.6
IOL = 6.0 mA
RIIC output pin
(only P12 and P13 in channel
0)
VOL
——
0.4
V
IOL = 15.0 mA
(ICFER.FMPE = 1)
—0.4—
IOL = 20.0 mA
(ICFER.FMPE = 1)
ETHERC output pin
VOL
——
0.4
V
IOL = 1.0 mA
Input leakage
current
RES#, MD pin, EMLE*1,
BSCANP*1, NMI
| Iin |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
Other than ports for 5 V tolerant
| ITSI |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Ports for 5 V tolerant
—
—
5.0
Vin = 0 V
Vin = 5.5 V
Pull-up Resistor
Ports 0 to 2, P30 to P34, P36,
P37, Ports 4 to G, PJ3, PJ5
RPU
10
—
100
k
Ω
VCC = 2.7 to 3.6 V
Vin = 0 V
Pull-down Resistor
EMLE, BSCANP
RPD
10
—
100
k
Ω
Vin = VCC
Input capacitance
All input pins
(except for P03, P05, P12,
P13, P16, P17, EMLE,
BSCANP, USB0_DP,
USB0_DM, USBA_DP, and
USBA_DM)
Cin
—
—
8
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
P03, P05, P12, P13, P16, P17,
EMLE, BSCANP, USB0_DP,
USB0_DM, USBA_DP, and
USBA_DM
——
16
Output voltage of the VCL pin
VCL
—1.25—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com