| 전자부품 데이터시트 검색엔진 |
|
R5F56519FDFP 데이터시트(PDF) 48 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56519FDFP 데이터시트(HTML) 48 Page - Renesas Technology Corp |
|
48 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 48 of 188 Oct 31, 2023 H12 PA4 A4 MTIC5U/ MTCLKA/ TIOCA1/ TMRI0/PO20 ET0_MDC/TXD5/ SMOSI5/SSDA5/ SSLA0-B LCD_DA TA4-B IRQ5-DS H13 PA3 A3 MTIOC0D/ MTCLKD/ TIOCD0/ TCLKB/PO19 ET0_MDIO/ RXD5/SMISO5/ SSCL5 LCD_DA TA5-B IRQ6-DS H14 PA2 A2 MTIOC7A/ PO18 RXD5/SMISO5/ SSCL5/SSLA3-B LCD_DA TA6-B H15 TRDATA3 PG7 D31 J1 EXTAL P36 J2 VCC J3 P34 MTIOC0A/ TMCI3/PO12/ POE10# ET0_LINKSTA/ SCK6/SCK0 IRQ4 J4 TMS PF3 J12 PA5 A5 MTIOC6B/ TIOCB1/PO21 ET0_LINKSTA/ RSPCKA-B LCD_DA TA3-B J13 VSS J14 PA7 A7 TIOCB2/PO23 ET0_WOL/ MISOA-B LCD_DA TA1-B J15 PA6 A6 MTIC5V/ MTCLKB/ TIOCA2/ TMCI3/PO22/ POE10# ET0_EXOUT/ CTS5#/RTS5#/ SS5#/MOSIA-B LCD_DA TA2-B K1 P33 EDREQ1 MTIOC0D/ TIOCD0/ TMRI3/PO11/ POE4#/ POE11# RXD6/SMISO6/ SSCL6/RXD0/ SMISO0/SSCL0/ CRX0 PCKO IRQ3-DS K2 P32 MTIOC0C/ TIOCC0/ TMO3/PO10/ RTCIC2/ RTCOUT/ POE0#/ POE10# TXD6/SMOSI6/ SSDA6/TXD0/ SMOSI0/SSDA0/ CTX0/ USB0_VBUSEN VSYNC IRQ2-DS K3 TDI PF2 RXD1/SMISO1/ SSCL1 K4 TCK PF1 SCK1 K12 PB2 A10 TIOCC3/ TCLKC/PO26 ET0_RX_CLK/ REF50CK0/ CTS4#/RTS4#/ SS4#/CTS6#/ RTS6#/SS6# SDSI_D2-B LCD_TC ON2-B K13 P71 A18/CS1# ET0_MDIO K14 VCC K15 PB0 A8 MTIC5W/ TIOCA3/PO24 ET0_ERXD1/ RMII0_RXD1/ RXD4/SMISO4/ SSCL4/RXD6/ SMISO6/SSCL6 LCD_DA TA0-B IRQ12 L1 P31 MTIOC4D/ TMCI2/PO9/ RTCIC1 CTS1#/RTS1#/ SS1#/SSLB0-A IRQ1-DS L2 P30 MTIOC4B/ TMRI3/PO8/ RTCIC0/ POE8# RXD1/SMISO1/ SSCL1/MISOB-A IRQ0-DS Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (4/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 177-Pin TFLGA 176-Pin LFBGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |