| 전자부품 데이터시트 검색엔진 |
|
R5F5651EDDFM 데이터시트(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM 데이터시트(HTML) 74 Page - Renesas Technology Corp |
|
74 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 74 of 188 Oct 31, 2023 Note 1. These pins are only enabled for products with 2 or 1.5 Mbytes of code flash memory. Note 2. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled. 132 VCC 133 P47 IRQ15- DS AN007 134 P46 IRQ14- DS AN006 135 P45 IRQ13- DS AN005 136 P44 IRQ12- DS AN004 137 P43 IRQ11- DS AN003 138 P42 IRQ10- DS AN002 139 P41 IRQ9-DS AN001 140 VREFL0 141 P40 IRQ8-DS AN000 142 VREFH0 143 AVCC0 144 P07 IRQ15 ADTRG0 # Table 1.8 List of Pin and Pin Functions (144-Pin LFQFP) (7/7) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 144-Pin LFQFP (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |