| 전자부품 데이터시트 검색엔진 |
|
R5F5671CDDFB 데이터시트(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB 데이터시트(HTML) 89 Page - Renesas Technology Corp |
|
89 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 89 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics 2.4 AC Characteristics Note 1. The FCLK must run at a frequency of at least 4 MHz when changing the flash memory contents. Note 1. When the 12-bit A/D converter is used, the frequency must be set to at least 1 MHz. Table 2.11 Operating Frequency (High-Speed Operating Mode) Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Operating frequency System clock (ICLK) f — — 120 MHz Peripheral module clock (PCLKA) — — 120 Peripheral module clock (PCLKB) — — 60 Peripheral module clock (PCLKC) — — 60 Peripheral module clock (PCLKD) — — 60 Flash-IF clock (FCLK) —*1 —60 External bus clock (BCLK) Package of 144 pins or more — — 120 100-pin package — — 60 BCLK pin output Package of 144 pins or more — — 60 100-pin package — — 30 SDRAM clock (SDCLK) Package of 144 pins or more — — 60 SDCLK pin output Package of 144 pins or more — — 60 Table 2.12 Operating Frequency (Low-Speed Operating Mode 1) Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Operating frequency System clock (ICLK) f — — 1 MHz Peripheral module clock (PCLKA) — — 1 Peripheral module clock (PCLKB) — — 1 Peripheral module clock (PCLKC)*1 —— 1 Peripheral module clock (PCLKD)*1 —— 1 Flash-IF clock (FCLK) — — 1 External bus clock (BCLK) Package of 144 pins or more — — 1 100-pin package — — 1 BCLK pin output Package of 144 pins or more — — 1 100-pin package — — 1 SDRAM clock (SDCLK) Package of 144 pins or more — — 1 SDCLK pin output Package of 144 pins or more — — 1 |