전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F5671CDGFP 데이터시트(PDF) 91 Page - Renesas Technology Corp

부품명 R5F5671CDGFP
상세설명  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDGFP 데이터시트(HTML) 91 Page - Renesas Technology Corp

Back Button R5F5671CDGFP Datasheet HTML 87Page - Renesas Technology Corp R5F5671CDGFP Datasheet HTML 88Page - Renesas Technology Corp R5F5671CDGFP Datasheet HTML 89Page - Renesas Technology Corp R5F5671CDGFP Datasheet HTML 90Page - Renesas Technology Corp R5F5671CDGFP Datasheet HTML 91Page - Renesas Technology Corp R5F5671CDGFP Datasheet HTML 92Page - Renesas Technology Corp R5F5671CDGFP Datasheet HTML 93Page - Renesas Technology Corp R5F5671CDGFP Datasheet HTML 94Page - Renesas Technology Corp R5F5671CDGFP Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 91 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.1
Reset Timing
Figure 2.1
Reset Input Timing at Power-On
Figure 2.2
Reset Input Timing
Table 2.14
Reset Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
RES# pulse
width
Power-on
tRESWP
1
—
—
ms
Figure 2.1
Deep software standby mode
tRESWD
0.6
—
—
ms
Figure 2.2
Software standby mode, low-speed operating
mode 2
tRESWS
0.3
—
—
ms
Programming or erasure of the code flash
memory, or programming, erasure or blank
checking of the data flash memory
tRESWF
200
—
—
µs
Other than above
tRESW
200
—
—
µs
Waiting time after release from the RES# pin reset
tRESWT
54
—
55
tLcyc
Figure 2.1
Internal reset time
(independent watchdog timer reset, watchdog timer reset,
software reset)
tRESW2
100
—
108
tLcyc
VCC
RES#
Internal reset signal
(Low is valid)
tRESWP
tRESWT
RES#
Internal reset signal
(Low is valid)
tRESWD, tRESWS, tRESWF, tRESW
tRESWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com