전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F5671CDGLK 데이터시트(PDF) 80 Page - Renesas Technology Corp

부품명 R5F5671CDGLK
상세설명  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDGLK 데이터시트(HTML) 80 Page - Renesas Technology Corp

Back Button R5F5671CDGLK Datasheet HTML 76Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 77Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 78Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 79Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 80Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 81Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 82Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 83Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 80 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.
Electrical Characteristics
2.1
Absolute Maximum Ratings
Caution: Permanent damage to the LSI may result if absolute maximum ratings are exceeded.
Note 1. Connect the AVCC0, AVCC1, and VCC_USB pins to VCC, and the AVSS0, AVSS1, and VSS_USB pins to VSS.
When the A/D converter unit 0 is not to be used, connect the VREFH0 pin to VCC and the VREFL0 pin to VSS, respectively.
Do not leave these pins open. Insert capacitors of high frequency characteristics between the AVCC0 and AVSS0 pins, or
AVCC1 and AVSS1 pins. Place capacitors of about 0.1 µF as close as possible to every power supply pin and use the shortest
and heaviest possible traces.
Note 2. The listed values apply when pins P30, P31, and P32 are set for the TAMPIn or RTCICn (n = 0 to 2) functions, and pin PJ3 is set
for the EXCIN function.
Table 2.1
Absolute Maximum Rating
Conditions: VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V
Item
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB
–0.3 to +4.0
V
VBATT power supply voltage
VBATT
–0.3 to +4.0
V
Analog power supply voltage
AVCC0, AVCC1*1
–0.3 to +4.0
V
Reference power supply voltage
VREFH0
–0.3 to AVCC0 + 0.3 (up to 4.0)
V
Input voltage
Ports for 5 V tolerant: P12 to P17, P20,
P21, P30 to P33, P67, P73, PC0 to
PC3, and PJ3
Vin
–0.3 to VCC + 4.0 (up to 5.8)
V
TAMPI0 to TAMPI2,
RTCIC0 to RTCIC2, EXCIN*2
–0.3 to +4.0
Port for 5 V tolerant: P07
–0.3 to AVCC0 + 4.0 (up to 5.8)
P03, P05, P40 to P47
–0.3 to AVCC0 + 0.3 (up to 4.0)
Other than above
–0.3 to VCC + 0.3 (up to 4.0)
Junction temperature
Tj
–40 to +125
°C
Storage temperature
Tstg
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com