전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRAG2 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 XRAG2
상세설명  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 데이터시트(HTML) 4 Page - STMicroelectronics

  XRAG2_08 Datasheet HTML 1Page - STMicroelectronics XRAG2_08 Datasheet HTML 2Page - STMicroelectronics XRAG2_08 Datasheet HTML 3Page - STMicroelectronics XRAG2_08 Datasheet HTML 4Page - STMicroelectronics XRAG2_08 Datasheet HTML 5Page - STMicroelectronics XRAG2_08 Datasheet HTML 6Page - STMicroelectronics XRAG2_08 Datasheet HTML 7Page - STMicroelectronics XRAG2_08 Datasheet HTML 8Page - STMicroelectronics XRAG2_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
List of tables
XRAG2
4/33
List of tables
Table 1.
Signal names . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 2.
Structure of ISO TID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 3.
Structure of EPC TID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 4.
XRAG2 operating temperature range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 5.
RF envelop parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 6.
PIE parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 7.
Reader to tag frame-sync and preamble timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 8.
Tag-to-Reader link frequency and tolerance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 9.
Tag-to-Reader data rates . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 10.
Reader-to-tag and tag-to-Reader communication timings
. . . . . . . . . . . . . . . . . . . . . . . . 25
Table 11.
XRAG2 Write, BlockWrite and BlockErase parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 12.
XRAG2 parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 13.
XRAG2 impedance parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 14.
UFDFPN6 (MLP6) - 8-lead ultra thin fine pitch dual flat package no lead
1.8 x 2 mm, package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 15.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 16.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33