| 전자부품 데이터시트 검색엔진 |
|
MMBTA92 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MMBTA92 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() MMBTA92 SMALL SIGNAL PNP TRANSISTOR PRELIMINARY DATA s SILICON EPITAXIAL PLANAR PNP HIGH VOLTAGE TRANSISTOR s MINIATURE SOT-23 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS s TAPE AND REEL PACKING s THE NPN COMPLEMENTARY TYPE IS MMBTA42 APPLICATIONS s VIDEO AMPLIFIER CIRCUITS (RGB CATHODE CURRENT CONTROL) s TELEPHONE WIRELINE INTERFACE (HOOK SWITCHES, DIALER CIRCUITS) INTERNAL SCHEMATIC DIAGRAM January 2003 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) -300 V VCEO Collector-Emitter Voltage (IB = 0) -300 V VEBO Emitter-Base Voltage (IC = 0) -5 V IC Collector Current -0.5 A ICM Collector Peak Current -0.6 A Ptot Total Dissipation at TC = 25 oC 350 mW Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC Type Marking MMBTA92 A92 ® SOT-23 1/4 |
유사한 부품 번호 - MMBTA92 |
|
유사한 설명 - MMBTA92 |