전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KW-DPLS32-EC 데이터시트(PDF) 1 Page - ams-OSRAM AG

부품명 KW-DPLS32-EC
상세설명  SYNIOS® E4014
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS32-EC 데이터시트(HTML) 1 Page - ams-OSRAM AG

  KW-DPLS32-EC Datasheet HTML 1Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 2Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 3Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 4Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 5Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 6Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 7Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 8Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
KW DPLS32.EC
1 Version 1.5 | 2020-04-24
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
KW DPLS32.EC
SYNIOS® E4014
This compact LED offers an extremely low-profile
and compact design of 4.0 x 1.4 x 0.65 mm, uniform
distribution of light and rugged plastic housing.
The warm white KW DPLS32.EC is targeted at ap-
plications for indoor lighting in automobiles (ceiling,
navigation, lighting) and aircraft.
—
Electronic Equipment
—
Interior Illumination (e.g. Ambient Map)
—
Transportation, Plane, Ship
—
White Goods
Features:
—
Package: SMD epoxy package, colored silicone resin
—
Chip technology: InGaN on Sapphire
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = , Cy = acc. to CIE 1931 (● white)
—
Optical efficacy: 110 lm/W
—
Corrosion Robustness Class: 1B
—
Qualifications: AEC-Q102 tested except for Test C12 (Hydrogen Sulphide)
—
Color temperature: 2700K - 6500K
—
CRI: 80 (min.)
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


유사한 부품 번호 - KW-DPLS32-EC

제조업체부품명데이터시트상세설명
logo
ams-OSRAM AG
KW-DPLS32-SB AMSOSRAM-KW-DPLS32-SB Datasheet
2Mb / 27P
SYNIOS® P4014
Version 1.1 2022-06-03
More results

유사한 설명 - KW-DPLS32-EC

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
SYNIOS P2720
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
IR SYNIOS P2720
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com