전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA-A67F 데이터시트(PDF) 11 Page - ams-OSRAM AG

부품명 LA-A67F
상세설명  SIDELED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-A67F 데이터시트(HTML) 11 Page - ams-OSRAM AG

Back Button LA-A67F Datasheet HTML 7Page - ams-OSRAM AG LA-A67F Datasheet HTML 8Page - ams-OSRAM AG LA-A67F Datasheet HTML 9Page - ams-OSRAM AG LA-A67F Datasheet HTML 10Page - ams-OSRAM AG LA-A67F Datasheet HTML 11Page - ams-OSRAM AG LA-A67F Datasheet HTML 12Page - ams-OSRAM AG LA-A67F Datasheet HTML 13Page - ams-OSRAM AG LA-A67F Datasheet HTML 14Page - ams-OSRAM AG LA-A67F Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LA A67F
DATASHEET
DATASHEET
11 | Version 1.8 | 2024-04-04
Max. Permissible Forward Current 5)
I
F = f(T)
temp. ambient
temp. solder point
0
02040
A
S
T
T
˚C
60
80
100
T
IF
mA
S
T
OHL02705
TA
10
20
30
40
50
60
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 25 °C
10
1
10
0
0.02
0.04
0.06
-5
-4
-3
-2
10
10
10
P
t
=
D T
P
t
T
IF
0.08
F
I
0.10
0.12
A
0.5
0.2
-1
012
10
tp
10 s10
=
0.02
0.01
0.005
0.05
OHL02703
0.1
D
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 85 °C
10
1
10
0
0.02
0.04
0.06
-5
-4
-3
-2
10
10
10
P
t
=
D T
P
t
T
IF
0.08
F
I
0.10
0.12
A
0.5
0.2
-1
012
10
tp
10 s10
=
0.02
0.01
0.005
0.05
OHL02704
0.1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com