| 전자부품 데이터시트 검색엔진 |
|
S4AI 데이터시트(PDF) 1 Page - LUMEL S.A. |
|
|
|||||||||||||||||||||||||||||
S4AI 데이터시트(HTML) 1 Page - LUMEL S.A. |
|
1 / 4 page ![]() www.lumel.com.pl 1 EXAMPlE Of APPlicATiON S4ai - MOdUlE Of ANAlOg iNPUTS • Processing 4 analog signals (standard signals, resistance thermometers, thermocouples) to RS-485 Modbus. • Programmable individual characteristics of the inputs. • Operation in Modbus Slave mode. • Possible connection via the internal RS-485. • Two programmable alarm outputs. • Mathematical functions: addition, subtraction, multiplication, division, average, minimum, maximum. • Two virtual measurement channels to perform mathematical functions on the channels or between the measurement channels. • Programmable operating time counters. • To be mounted onTS35 rail in typical installation cabinets. • galvanic isolation between inputs divided into 2 groups of 2 inputs • Possibile configuration via USB (power supply of the module is not required). T1 T2 T3 T4 hAll Al1 Al2 S4Ai S4AO threshold1 threshold2 exceedingthemean temperatureinthehall dl11 N21 N30U NA5 T1 T2 T3 T4 SCADA S4Ai S4Ai S4Ai cat iii tric al Sa Temperaturemeasurementandalarmsswitching onbymoduleS4Aiincaseofexceedingthemean temperatureinthehallandmeasurementtransfer viatheanalogoutputsofmodularlycombined withS4AitheoutputmoduleS4AO. Measurementandprocessingofvariousanalogsignals fromtemperaturesensors,pressuretransducers andflowmetersintoadigitalsignalRS-485Modbus. |
유사한 부품 번호 - S4AI |
|
유사한 설명 - S4AI |