전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EB13005 데이터시트(PDF) 3 Page - Shenzhen SY Semiconductors Co., LTD.

부품명 EB13005
상세설명  EB SERIES TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SY [Shenzhen SY Semiconductors Co., LTD.]
홈페이지  
Logo SY - Shenzhen SY Semiconductors Co., LTD.

EB13005 데이터시트(HTML) 3 Page - Shenzhen SY Semiconductors Co., LTD.

  EB13005 Datasheet HTML 1Page - Shenzhen SY Semiconductors Co., LTD. EB13005 Datasheet HTML 2Page - Shenzhen SY Semiconductors Co., LTD. EB13005 Datasheet HTML 3Page - Shenzhen SY Semiconductors Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SY semiconductors
Shenzhen SY Semiconductors Co.,LTD.
EB SERIES TRANSISTORS
EB13005
SYMBOL
Min
Nom
Max
SYMBOL
Min
Nom
Max
A
3.5
4.5
5.0
L
12.5
13.5
14.5
B
1.25
1.35
1.5
L1
2.5
3.37
4.5
B1
0.75
0.85
0.955
D1
5.9
6.5
7.1
b
0.6
ф
b
1.2
c
0.35
0.43
0.55
Q
1.5
2.5
3.5
D
14.0
15.5
16.5
Q1
2.0
2.6
3.5
E
9.0
10.0
11.0
Z
3.0
3.8
4.5
e
2.54
SY semiconductors
3/3



Html Pages

1 2 3