전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA-G6SP-01 데이터시트(PDF) 4 Page - ams-OSRAM AG

부품명 LA-G6SP-01
상세설명  Advanced Power TOPLED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-G6SP-01 데이터시트(HTML) 4 Page - ams-OSRAM AG

  LA-G6SP-01 Datasheet HTML 1Page - ams-OSRAM AG LA-G6SP-01 Datasheet HTML 2Page - ams-OSRAM AG LA-G6SP-01 Datasheet HTML 3Page - ams-OSRAM AG LA-G6SP-01 Datasheet HTML 4Page - ams-OSRAM AG LA-G6SP-01 Datasheet HTML 5Page - ams-OSRAM AG LA-G6SP-01 Datasheet HTML 6Page - ams-OSRAM AG LA-G6SP-01 Datasheet HTML 7Page - ams-OSRAM AG LA-G6SP-01 Datasheet HTML 8Page - ams-OSRAM AG LA-G6SP-01 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LA G6SP.01
4 Version 1.2 | 2020-06-15
Characteristics
I
F = 140 mA; TS = 25 °C
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
624 nm
Dominant Wavelength 4)
I
F = 140 mA
λ
dom
min.
typ.
max.
612 nm
617 nm
624 nm
Spectral Bandwidth at 50% I
rel,max
∆λ
typ.
18 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 5)
I
F = 140 mA
V
F
min.
typ.
max.
1.90 V
2.20 V
2.50 V
Reverse current 3)
V
R = 12 V
I
R
typ.
max.
0.01 µA
10 µA
Real thermal resistance junction/solderpoint 6)
R
thJS real
typ.
max.
35 K / W
50 K / W
Electrical thermal resistance junction/solderpoint 6)
with efficiency η
e = 37 %
R
thJS elec.
typ.
max.
22 K / W
32 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com