전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-CRBP-01 데이터시트(PDF) 13 Page - ams-OSRAM AG

부품명 LB-CRBP-01
상세설명  OSLON® Signal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-CRBP-01 데이터시트(HTML) 13 Page - ams-OSRAM AG

Back Button LB-CRBP-01 Datasheet HTML 9Page - ams-OSRAM AG LB-CRBP-01 Datasheet HTML 10Page - ams-OSRAM AG LB-CRBP-01 Datasheet HTML 11Page - ams-OSRAM AG LB-CRBP-01 Datasheet HTML 12Page - ams-OSRAM AG LB-CRBP-01 Datasheet HTML 13Page - ams-OSRAM AG LB-CRBP-01 Datasheet HTML 14Page - ams-OSRAM AG LB-CRBP-01 Datasheet HTML 15Page - ams-OSRAM AG LB-CRBP-01 Datasheet HTML 16Page - ams-OSRAM AG LB-CRBP-01 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LB CRBP.01
DATASHEET
DATASHEET
13 | Version 1.4 | 2024-10-14
Dimensional Drawing 8)
Further Information:
Approximate Weight:
25.0 mg
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter than IEC
60068-2-43)
ESD advice:
The device is protected by ESD device which is connected in parallel to the
Chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com