전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7LCRDIE6/XXX 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 ST7LCRDIE6/XXX
상세설명  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6/XXX 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button ST7LCRDIE6/XXX Datasheet HTML 3Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 4Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 5Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 6Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 7Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 8Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 9Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 10Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ST7LCR
7/29
2
Pin description
Figure 2.
24-lead VFQFPN package pinout
4
3
5
6
7
8
11
12
13
14
15
16
17
18
19
20
21
22
2
1
23
24
910
C8
CRDRST
CRDCLK
C4
CRDIO
USBVCC
DP
DM
NC
NC
GND
CRDVCC
Table 2.
Pin description
Pin
number
Pin name
Level
Port/control
Main function
(after reset)
Alternate function
Input Output
VFQFPN24
1
CDRVCC
O
CT X
Smartcard supply pin
2
CRDRST
O
CT X
X
Smartcard reset
3
CRDCLK
O
CT X
X
Smartcard clock
4C4
O
CT X
X
Smartcard C4
5
CRDIO
I/O
CT
X
X
X
Smartcard I/O
6C8
O
CT X
X
Smartcard C8
7
CRDDET
I
CT
X
Smartcard detection
8
NC
Not used(1)
9
NC
Not used(1)
10
NC
Not used(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29