전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LED22V1A-ADJ 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 LED22V1A-ADJ
상세설명  HIGH EFFICIENCY LED CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LED22V1A-ADJ 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  LED22V1A-ADJ Datasheet HTML 1Page - List of Unclassifed Manufacturers LED22V1A-ADJ Datasheet HTML 2Page - List of Unclassifed Manufacturers LED22V1A-ADJ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089. U. S. A. Tel.: (408) 747 -9760, Fax: (408) 747-9770. www.analogtechnologies.com
© Copyright 1999 – 2003, Analog Technologies, Inc. All Rights Reserved. Updated: 4/28/03
2/3
LED22V1A
Analog Technologies, Inc.
2
W1
5K to 10K
GND
1
VPSPR
2
VPSDR
3
LIS
4
2.5V
5
SDNG
6
PSIO
7
LEDA
9
GND
10
LED Controller
LED22V1A
Power Supply 7V to 22V
Power Supply 0V
S1
Switch
ADC or V meter
(Optional: for dimming control)
(Optional: for turning on and off)
LED
1W or 5W
Power Supply 7V to 22V
(Connect to Pin 2 or Pin 3)
Figure 1 Typical Application of LED Controller LED22V1A
0 to 1A
Soldering pads
Figure 2 Top View
Components
POT
1
2
3
4
5
6
7
8
9
13.8 ± 0.1 mm
25 ± 0.1 mm
GND
LEDA
GND
VPSPR
VPSDR
LIS
2.5V
SDNG
PSIO
Soldering pads
Figure 3 Side View
Components
Components
1.2 mm
5.5mm
Soldering pads



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com