| 전자부품 데이터시트 검색엔진 |
|
P-710-0E-TT-R 데이터시트(PDF) 2 Page - TOKYO KEISO CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
P-710-0E-TT-R 데이터시트(HTML) 2 Page - TOKYO KEISO CO.,LTD. |
|
2 / 2 page ![]() TG-F2040-E03 P-710 Purgemeter 2 TOKYO KEISO CO., LTD. ● Standard type P - 710- U0- GT - R1 ■ Screw mounting on the panel ■ Valve at the outlet 2-φ19 2-Rc1/8 10 23 (MAX.35) 29 20 4-φ3.8 4-φ3.8 20 18 OUT 4-φ3.8 20 IN M3 Countersink Panel cut Panel cut (Panel embedded mounting) (Front Panel mounting) O C ● Standard material Parts name Standard material Available material Support Polyacetal PPS resin Body ○ ETFE(Rc1/8) PFA (Pillar fitting) Tapered tube ○ Heat-resistant glass PCTFE Gasket ○ PTFE − Float* ○ PTFE, Glass, Ruby − Nut PCTFE − Valve needle ○ PCTFE − Cover Polycarbonate − Parts marked“○”come in contact with the measuring fluid. * We will select a proper material for your application. Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558 Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922 e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp * Specication is subject to change without notice. ORDERING INFORMATION Basic model code Items to be specified P-710- □□ - □□ - □□ ① ② ③ ④ ⑤ ⑥ Fluid name − Flow range − Press. − Temp. − Mounting option − Other options (Select in the model code table.) (Refer to "Index & Quick Reference for P Series Purgemeters" (TG-S0001).) DIMENSIONS |