전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMS1117CD 데이터시트(PDF) 4 Page - Advanced Monolithic Systems

부품명 AMS1117CD
상세설명  1A Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADMOS [Advanced Monolithic Systems]
홈페이지  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1117CD 데이터시트(HTML) 4 Page - Advanced Monolithic Systems

  AMS1117CD Datasheet HTML 1Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 8Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AMS1117
1A Low Dropout Voltage Regulator
09/14/2012
www.advanced-monolithic.com
Phone (925) 443-0722
4
Fax (925) 443-0723
Electrical Characteristics Notes
Notes:
1.
Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device.
2.
The total power dissipation for SOT223 and SOT252, packages varies with respect to the PCB layout, and ambient temperature. See the thermal
characteristics graphs and table 1 below. Total power dissipation for the LDO should be taken in consideration when calculating the output current
capability of each regulator at a given ambient temperature.
3.
Line and Load regulation are guaranteed up to the maximum power dissipation of the package. Power dissipation is determined by the input/output
differential and the output current and ambient temperature. Guaranteed maximum power dissipation will not be available over the full input/output range
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12