전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-W5AM 데이터시트(PDF) 17 Page - ams-OSRAM AG

부품명 LB-W5AM
상세설명  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-W5AM 데이터시트(HTML) 17 Page - ams-OSRAM AG

Back Button LB-W5AM Datasheet HTML 13Page - ams-OSRAM AG LB-W5AM Datasheet HTML 14Page - ams-OSRAM AG LB-W5AM Datasheet HTML 15Page - ams-OSRAM AG LB-W5AM Datasheet HTML 16Page - ams-OSRAM AG LB-W5AM Datasheet HTML 17Page - ams-OSRAM AG LB-W5AM Datasheet HTML 18Page - ams-OSRAM AG LB-W5AM Datasheet HTML 19Page - ams-OSRAM AG LB-W5AM Datasheet HTML 20Page - ams-OSRAM AG LB-W5AM Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Version 1.2
LB W5AM
Tape dimensions [mm]
Gurtmaße [mm]
Tape dim ensi ons in m m
Reel dimensions [mm]
Rollenmaße [mm]
Reel dim ensi ons in m m
Tape and Reel
Gurtverpackung
W
P0
P1
P2
D0
E
F
24 + 0.3 / - 0.1 4 ± 0.1
8 ± 0.1
or
12 ± 0.1
2 ± 0.1
1.5 ± 0.1
1.75 ± 0.1
11.5 ± 0.05
A
W
Nmin
W1
W2max
180
24
60 / 100
24.4 + 2
30.4
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D
2015-12-14
17
24 mm tape with 200 pcs. on ∅ 180 mm reel, 1200 pcs. on ∅ 330 mm reel
Reel dim ensi ons in m m
min
W1
W2max
330
24
60 / 100
24.4 + 2
30.4
A
W
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com