전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-Y8SG 데이터시트(PDF) 2 Page - ams-OSRAM AG

부품명 LB-Y8SG
상세설명  Micro SIDELED® 3010
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-Y8SG 데이터시트(HTML) 2 Page - ams-OSRAM AG

  LB-Y8SG Datasheet HTML 1Page - ams-OSRAM AG LB-Y8SG Datasheet HTML 2Page - ams-OSRAM AG LB-Y8SG Datasheet HTML 3Page - ams-OSRAM AG LB-Y8SG Datasheet HTML 4Page - ams-OSRAM AG LB-Y8SG Datasheet HTML 5Page - ams-OSRAM AG LB-Y8SG Datasheet HTML 6Page - ams-OSRAM AG LB-Y8SG Datasheet HTML 7Page - ams-OSRAM AG LB-Y8SG Datasheet HTML 8Page - ams-OSRAM AG LB-Y8SG Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LB Y8SG
DATASHEET
DATASHEET
2 | Version 1.5 | 2023-08-30
Micro SIDELED® 3010
LB Y8SG
Micro SIDELED is a SMT LED with side emission. Due to its
low package height it is ideal for applications in limited space
environments.
Applications
- Access Control & Security
- Appliances & Tools
- Computing
- Display Backlighting
- Factory Automation
- Home & Building Automation
- Material Processing
- Projection & Display
- Robotics
- Smart Surface
- Visualization
Features
- Package: white SMT package, colorless clear resin
- Chip technology: ThinGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 470 nm (● blue)
- Optical efficacy: 21 lm/W
- Corrosion Robustness Class: 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com