| 전자부품 데이터시트 검색엔진 |
|
TF-2261T-B-4P40-R 데이터시트(PDF) 1 Page - TOKYO KEISO CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
TF-2261T-B-4P40-R 데이터시트(HTML) 1 Page - TOKYO KEISO CO.,LTD. |
|
1 / 2 page ![]() INDICATION AND OUTPUT OF FLOW RATE, TOTALIZATION AND ALARM, MIDDLE TO LARGE CONNECTION AND HIGH FLOW RATE MEASUREMENT VERSION TF-2261T ALL-IN-ONE MINI THERMAL MASS FLOWMETER ■ OUTLINE The TF-2261T can handle larger flows than flowmeters with medium to large connection sizes among the TF-2000 series mini thermal mass flowmeters. TF-2261T has LCD indication of flow rate and totalization. Also, functions of scaled output pulse and DC4 to 20mA are provided. Furthermore, two-point field adjustable alarm contacts are provided. TF-2261T can be operated by DC24V power supply. ■ FEATURES ❏ Wide range of process connection for high flow rate Connections of 25mm to 80mm are available. They are useful with the extensive use in Air and Nitrogen supply lines etc. ❏ Simultaneous indication of flow rate and totalization Large two-line LCD is provided. ❏ Output of current, pulse and alarm functions are provided. Remote indication, batch processing and safety operations are achieved by one unit. ❏ Mass flow measurement Flow measurement is not influenced by the change in pressure and temperature. ❏ Excellent in durability Excellently durable sensor supported by old know-how is used. ❏ Whole quantity passage detection system Pressure loss is very small. ❏ High speed response High pressure response - 90% within one second ❏ Selection up to six scale ranges can be made. Up to 6 scale ranges can be preset using keys. ■ STANDARD SPECIFICATION ■ FULL SCALE AND PRESSURE LOSS Meter size Full scale m3/h (nor) Pressure loss (kPa) (✽) 25mm(1") Min. 80 32 Max. 160 32mm(1-1/4") Min. 150 39 Max. 300 40mm(1-1/2") Min. 200 38 Max. 400 50mm(2") Min. 300 32 Max. 600 65mm(2-1/2") Min. 500 33 Max. 1000 80mm(3") Min. 700 35 Max. 1500 ✽ Pressure loss (at 1atm, 25°C) at the time of maximum full scale; The rough value of the pressure loss is proportional to the square of flow rate and is in inverse proportion to the pressure. Fluid Air, Nitrogen Rangeability 1 : 20 (std.) Gas press. – 0.07 to 1.0MPa Gas temp. 0 to 50°C Temp. change effect Within Span: ±0.1%F.S./°C Press. change effect Within ±0.1%F.S./0.1MPa Response 1 sec. for 90% Finish Housing: Munsell N8.5 Stainless body not painted Construction Waterproof (Equiv. to IP65) Installation Horizontal or Vertical (✽) Ambient temp. 0 to 50°C Cable connection 2 × G1/2 (Terminal: M3 screw) Power supply DC24V (DC22V to DC27V) Consumption Installation & flow directions: Horizontal and Left to Right (standard) set up at factory Approx. 5.5W Process connection Screw: Rc (1" to 2") Flange: JIS10K (25 to 80mm) Material Tube: SUS304 or SUS316 Sensor: Combination of SUS316, Glass, CTFE, and PT Seal: FKM Housing: AC2A Scale range Min. 0 to 80m3/h (nor) / 25mm (1") Max. 0 to 1500m3/h (nor) / 80mm (3") Indication Flow rate : 4 digits LCD Height: 13mm Totalization: 7 digits LCD Height: 6mm Low cut-off Std. 5%F.S. (Adjustable) Flow rate, Totalization, Current output, & Pulse output Output Current output : Accuracy ±2%F.S. DC4 to 20mA (Load resistance: 450 ohms or less) Pulse output Output : Open collector Rating : DC30V 30mA Max. Pulse width : (Approx.) 100ms fixed Pulse rate : Synchronized with pulse count Flow rate alarm output Output : Open collector Action : “ON” when operating (With Red LED for operating confirmation) Rating : DC30V 30mA Max. Setting : Push key at front panel No. of points : 2 points (H + L alarm) Setting accuracy: ±1.0%F.S. Setting range : 0 to 100% of F.S. Hysteresis : 1% ±0.5%F.S. Data backup Setting of parameter and totalizing value is memorized by EEPROM. (Retaining: For 10 years) Accuracy Flow rate : ±2%F.S. ±1dig. Totalization: ±2.1%F.S. Totalizing count: 60 to 18000c/h TG-F1154-E00 Mar 2018 1st edition K |
유사한 부품 번호 - TF-2261T-B-4P40-R |
|
유사한 설명 - TF-2261T-B-4P40-R |