| 전자부품 데이터시트 검색엔진 |
|
AS5134 데이터시트(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5134 데이터시트(HTML) 14 Page - ams AG |
|
14 / 29 page ![]() www.austriamicrosystems.com Revision 1.6 14 - 29 AS5134 Data Sheet - D e ta i l e d D e s c r i p t i o n Figure 10. Incremental Output Modes Brushless DC Motor Commutation Mode The BLDC signals will be used to control the electrical angle information – according to the amount of pole pairs and the actual mechanical angle position. Refer Figure 11 for an example of n_pole_pairs:=2. For the programming, refer to Serial Synchronous Interface (SSI) on page 15. Figure 11. Commutation Mode Index B A Quad A/B/Index-Mode Index=1 3 LSB Index=0 1 LSB Hyst= 2LSB Mechanical Zero Position Mechanical Zero Position Rotation Direction Change 120 180 240 300 120 180 180 120 240 270 210 150 60 0 0 60 60 90 30 0 angle electrical angle mechanical U V W pole pair : 2 αelectrical := αmechanical*npole_pairs |