| 전자부품 데이터시트 검색엔진 |
|
MCP2025-500E/P 데이터시트(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2025-500E/P 데이터시트(HTML) 21 Page - Microchip Technology |
|
21 / 38 page ![]() 2012-2014 Microchip Technology Inc. DS20002306B-page 21 MCP2025 2.6 Typical Performance Curves Note: Unless otherwise indicated, VBB = 6.0V to 18.0V; TA = -40°C to +125°C. FIGURE 2-2: Typical IBBQ vs. Temperature – 5.0V. FIGURE 2-3: IBBQ Transmitter-Off vs. Temperature – 5.0V. FIGURE 2-4: IBBQ Power-Down vs. Temperature – 5.0V. FIGURE 2-5: Typical IBBQ vs. Temperature – 3.3V. FIGURE 2-6: IBBQ Transmitter-Off vs. Temperature – 3.3V. FIGURE 2-7: IBBQ Power-Down vs. Temperature – 3.3V. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 20 40 60 80 100 120 140 160 180 -45 -10 25 90 130 Temperature ( C) VBB = 18V VBB = 6V VBB = 12V 0 10 20 30 40 50 60 70 80 -45 -10 25 90 130 Temperature ( C) VBB = 18V VBB = 6V VBB = 12V 0 1 2 3 4 5 6 -45 -10 25 90 130 Temperature ( C) VBB = 18V VBB = 6V VBB = 12V 0 20 40 60 80 100 120 140 160 180 200 -45 -10 25 90 130 Temperature ( C) VBB = 6V VBB = 12V VBB = 18V 0 10 20 30 40 50 60 70 80 90 -45 -10 25 90 130 Temperature ( C) VBB = 6V VBB = 18V VBB = 12V 0 1 2 3 4 5 6 -45 -10 25 90 130 Temperature ( C) VBB = 6V VBB = 18V VBB = 12V |