전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AW32905FCR 데이터시트(PDF) 18 Page - Shanghai awinic technology co.,ltd

부품명 AW32905FCR
상세설명  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AWINIC [Shanghai awinic technology co.,ltd]
홈페이지  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905FCR 데이터시트(HTML) 18 Page - Shanghai awinic technology co.,ltd

Back Button AW32905FCR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 22Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
18
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
PACKAGE DESCRIPTION
E
D
e2
Ø L
TOP VIEW
BOTTOM VIEW
Unit: mm
e3
PIN 1
L2
L1
PIN 1 I.D.
SIDE VIEW
A
A1
A3
SYMBOL
MIN
A
A1
A3
D
E
e1
L
0.50
0.00
0.15REF.
1.20
1.70
0 REF.
0.18
0.55
0.02
1.30
1.80
0.25
NOM
MAX
0.60
0.05
1.40
1.90
0.30
L1
L2
0.16REF.
0.25REF.
e2
e3
0.200REF.
0.400REF.
L3
L3
0.175REF.
L2
L1
A
B
C
4
3
2
1
NOTE:
All dimensions do not include mold flash or protrusions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23