| 전자부품 데이터시트 검색엔진 |
|
D4NH-6BBC 데이터시트(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D4NH-6BBC 데이터시트(HTML) 1 Page - Omron Electronics LLC |
|
1 / 12 page ![]() G-207 D4NH Miniature Safety-door Hinge Switch D4NH New series Safety-door Hinge Switch Designed for sace saving guaring in Machines and safety Equipment • Lineup includes three contact models with 2NC/1NO and 3NC contacts in addition to the 1NC/1NO, and 2NC ver- sions. Version with MBB contacts meet applications for avdanced requirements. • M12-connector models are available, saving on labor and simplifying maintenance. • Standardized gold-clad contacts provide high contact reli- ability Can be used with both standard loads and micro- loads. • Free of lead, cadmium, and hexavalent chrome, reducing the burden on the environment. Be sure to read the “Safety Precautions” on page G-214. Note: Contact your sales representative for details on models with safety standard certification. Model Number Structure 1. Conduit/Connector size 1: Pg13.5 (1-conduit) 2: G1/2 (1-conduit) 3: 1/2-14NPT (1-conduit) 4: M20 (1-conduit) 5: Pg13.5 (2-conduit) 6: G1/2 (2-conduit) 7: 1/2-14NPT (2-conduit) 8: M20 (2-conduit) 9: M12 connector (1-conduit) 2. Built-in Switch A: 1NC/1NO (slow-action) B: 2NC (slow-action) C: 2NC/1NO (slow-action) D: 3NC (slow-action) E: 1NC/1NO (MBB contact) (slow-action) F: 2NC/1NO (MBB contact) (slow-action) 3. Actuator AS: Shaft BC: Arm lever Application Examples (Protective Door Safety Measures) Shaft Actuator Arm Lever Actuator 1 23 D4NH- @@@ |
유사한 부품 번호 - D4NH-6BBC |
|
유사한 설명 - D4NH-6BBC |