| 전자부품 데이터시트 검색엔진 |
|
L78L 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 41 page ![]() Table 30. Marking information Part numbers Marking Packages Output voltages L78L05ABD13TR 78L05B SO-8 5 V L78L05ABUTR 8C SOT-89 5 V L78L05ABZ L78L05A TO-92 5 V L78L05ABZ-AP L78L05A TO-92 5 V L78L05ABZ-TR L78L05A TO-92 5 V L78L05ACD13TR 78L05A SO-8 5 V L78L05ACUTR 8C SOT-89 5 V L78L05ACZ L78L05A TO-92 5 V L78L05ACZ-AP L78L05A TO-92 5 V L78L05ACZTR L78L05A TO-92 5 V L78L05CD13TR 78L05 SO-8 5 V L78L05CZ L78L05A TO-92 5 V L78L06ABUTR 8E SOT-89 6 V L78L06ABZ L78L06A TO-92 6 V L78L06ACD13TR L78L06A SO-8 6 V L78L06ACUTR 8E SOT-89 6 V L78L08ABD13TR 78L08B SO-8 8 V L78L08ABZ-AP L78L08A TO-92 8 V L78L08ABZTR L78L08A TO-92 8 V L78L08ACD13TR 78L08A SO-8 8 V L78L08ACUTR 8G SOT-89 8 V L78L08ACZ L78L08A TO-92 8 V L78L08ACZTR L78L08A TO-92 8 V L78L08CD13TR 78L08 SO-8 8 V L78L09ABD13TR 78L09B SO-8 8 V L78L09ABZ L78L09A TO-92 9 V L78L09ABUTR 8H SOT-89 9 V L78L09ACD13TR 78L09A SO8 9 V L78L09ACUTR 8H SOT-89 9 V L78L09ACZ-AP L78L09A TO-92 9 V L78L09ACZ-TR L78L09A TO-92 9 V L78L10ACUTR 8I SOT-89 10 V L78L12ABD-TR 78L12B SO-8 12 V L78L12ABUTR 8K SOT-89 12 V L78L12ABZ L78L12A TO-92 12 V L78L12ABZ-AP L78L12A TO 92 12 V L78L12ACD13TR 78L12A SO-8 12 V L78L12ACUTR 8K SOT-89 12 V L78L12ACZ L78L12A TO-92 12 V L78L12ACZ-AP L78L12A TO-92 12 V L78L Ordering information DS0424 - Rev 30 page 35/41 |