전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IG055100 데이터시트(PDF) 22 Page - YAMAHA CORPORATION

부품명 IG055100
상세설명  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAHA [YAMAHA CORPORATION]
홈페이지  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

IG055100 데이터시트(HTML) 22 Page - YAMAHA CORPORATION

Back Button IG055100 Datasheet HTML 18Page - YAMAHA CORPORATION IG055100 Datasheet HTML 19Page - YAMAHA CORPORATION IG055100 Datasheet HTML 20Page - YAMAHA CORPORATION IG055100 Datasheet HTML 21Page - YAMAHA CORPORATION IG055100 Datasheet HTML 22Page - YAMAHA CORPORATION IG055100 Datasheet HTML 23Page - YAMAHA CORPORATION IG055100 Datasheet HTML 24Page - YAMAHA CORPORATION IG055100 Datasheet HTML 25Page - YAMAHA CORPORATION IG055100 Datasheet HTML 26Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
A
1
2
3
4
5
6
7
8
9
B
C
D
E
F
G
H
I
J
K
L
SCHEMATIC DIAGRAM
29
AX-396
PIN CONNECTION DIAGRAM OF TRANSISTORS, DIODES AND ICS.
BC
E
2SA1695
2SC4466
2SA1145
2SA970
2SC2705
2SC1815
2SA1015
2SC2240
2SA893A
2SC1890A
S4VB20
2SA1358
2SC4488
2SD1915F
2SC1740S
DTC144ES
2SA933S
E
E
C
C
B
B
E
C B
+
–
~
~
E
C
B
DIODES
Anode
Cathode
AX-396
5 All voltage are measured with a 10M
W/V DC electric volt meter.
5 Components having special characteristics are marked
s and must be replaced
with parts having specifications equal to those originally installed.
5 Schematic diagram is subject to change without notice.
To/From FUNCTION (1)
see page 26
From FUNCTION (7)
see page 26
From FUNCTION (6)
see page 26
0
0
0
0
15.9
-15.8
-15.8
-15.2
-31.0
-33.6
34.0
15.9
15.3
31.2
0
0
0
0
0
0.1
0.1
0.1
0.1
0.7
0.7
24.5
24.5
37.2
37.9
37.2
0
0
0
6.6
6.6
0.1
11.5
11.5
13.7
13.7
12.1
12.7
12.7
13.7
AC13.8
0.7
0
0
46.5(38.5)
-46.4
(-38.4)
AC72.0(AC59.6)
0
0
0
0
-2.5
-2.5
0
0
0.6
0.6
0
0
-44.8
-44.8
-44.6
-44.6
-44.0
-44.8
-45.5
-45.6
-45.4
-44.8
-44.8
-44.8
-44.8
-44.8
-44.8
-44.8
-45.0
-45.0
45.7
45.1
45.4
46.4
46.4
46.4
-46.3
-46.3
-46.2
-46.2
46.2
46.5
46.3
46.3
46.3
50.0
49.5
49.5
49.0
46.1
-44.4
-1.1
-1.1
1.1
1.1
1.1
-1.1
-1.1
-1.1
-1.1
1.1
1.1
1.1
0.5
0
0
0
0
0
0
0
0
0
0
0
0
0
0.5
-0.6
-0.6
-0.6
-0.5
0.5
0.5
-0.6
-0.5
-44.8
-44.6
-44.6
-44.8
-44.8
-44.2
-44.8
0.6
0.6
POWER
IMPEDANCE SELECTOR
RELAY DRIVER
POWER SUPPLY
POWER SUPPLY
POWER AMP
= used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42