전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMSW1002 데이터시트(PDF) 4 Page - Infinite Electronics International, Inc.

부품명 FMSW1002
상세설명  A/B Coaxial DC to 1,000 MHz Electro- Mechanical Relay Switch, 5W, 12V, N
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRVIEW [Infinite Electronics International, Inc.]
홈페이지  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW1002 데이터시트(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW1002 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW1002 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
4
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
A/B Coaxial DC to 1,000 MHz Electro-
Mechanical Relay Switch, 5W, 12V, N
FMSW1002
A/B Coaxial DC to 1,000 MHz Electro-Mechanical Relay Switch, 5W, 12V, N from Fairview Microwave is in-stock and available to ship
same-day. All of our RF/microwave products are available off-the-shelf from our ISO 9001:2008 certified facilities in Lewisville, Texas.
Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: A/B Coaxial DC to 1,000 MHz Electro-Mechanical Relay Switch,
5W, 12V, N FMSW1002
URL: https://www.fairviewmicrowave.com/a-b-coaxial-dc-to-1000-mhz-electro-mechanical-relay-switch-fmsw1002-p.aspx
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications to
the part and/or the documentation of the part in order to impliment improvements. Fairview Microwave reserves the right to make such changes as required. Unless otherwise stated,
all specifications are nominal. Fairview Microwave does not make any representation or warranty regarding the suitability of the part described herein for any particular purpose, and
Fairview Microwave does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com