전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24512-W 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 M24512-W
상세설명  512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-W 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button M24512-W Datasheet HTML 27Page - STMicroelectronics M24512-W Datasheet HTML 28Page - STMicroelectronics M24512-W Datasheet HTML 29Page - STMicroelectronics M24512-W Datasheet HTML 30Page - STMicroelectronics M24512-W Datasheet HTML 31Page - STMicroelectronics M24512-W Datasheet HTML 32Page - STMicroelectronics M24512-W Datasheet HTML 33Page - STMicroelectronics M24512-W Datasheet HTML 34Page - STMicroelectronics M24512-W Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
M24512-x, M24256-Bx
Revision history
33/35
05-May-2006
5
Power On Reset paragraph replaced by Section 2.6: Supply voltage
(VCC). Figure 3: Device select code added.
ECC (error correction code) and write cycling added and specified at 1
Million cycles.
ICC0 added and ICC1 specified over the whole voltage range in Table 11
and Table 12.
PDIP8 package removed. Packages are ECOPACK® compliant. Small
text changes.
16-Oct-2006
6
M24256-BW and M24256-BR part numbers added.
Section 3.9: ECC (error correction code) and write cycling updated.
ICC and ICC1 modified in Table 12: DC characteristics (M24xxx-R and
M24xxx-HR).
tW modified in Table 13: AC characteristics (M24xxx-W, M24xxx-R see
Table 7, Table 8 and Table 9).
SO8Narrow package specifications updated (see Table 16 and
Figure 14). Blank option removed from below Plating technology in
Table 18: Ordering information scheme.
02-Jul-2007
7
Section 2.6: Supply voltage (VCC) modified.
Section 3.9: ECC (error correction code) and write cycling modified.
JEDEC standard and European directive references corrected below
Table 6: Absolute maximum ratings.
Rise/fall time conditions modified for ICC and VIH max modified in
Table 11: DC characteristics (M24xxx-W) and Table 12: DC
characteristics (M24xxx-R and M24xxx-HR)
Note 1 removed from Table 11: DC characteristics (M24xxx-W).
SO8W package specifications modified in Section 7: Package mechanical
data.
Table 19: Available M24256-Bx products (package, voltage range,
temperature grade) and Table 20: Available M24512-x products (package,
voltage range, temperature grade) added.
16-Oct-2007
8
Section 2.5: VSS ground added. Small text changes.
VIO max changed and Note 1 updated to latest standard revision in
Table 6: Absolute maximum ratings.
Note removed from Table 10: Input parameters.
VIH min and VIL max modified in Table 12: DC characteristics (M24xxx-R
and M24xxx-HR).
Removed tCH1CH2, tCL1CL2 and tDH1DH2, and added tXL1XL2, tDL1DL2 and
Note 2 in Table 13: AC characteristics (M24xxx-W, M24xxx-R see Table 7,
Table8 and Table9).
tXH1XH2, tXL1XL2 and Note 2 added to Table 14: 1 MHz AC characteristics
(M24xxx-HR, see Table 8 and Table 9).
Figure 12: AC waveforms modified.
Package mechanical data inch values calculated from mm and rounded to
4 decimal digits (see Section 7: Package mechanical data).
Table 21.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com