전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YG882C02R 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 YG882C02R
상세설명  Schottky Rectifiers Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

YG882C02R 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  YG882C02R Datasheet HTML 1Page - Inchange Semiconductor Company Limited YG882C02R Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifiers Diode
YG882C02R
www.iscsemi.com
1
FEATURES
· Low VF
· Super high speed switching
· High reliability by planer design
APPLICATIONS
· High speed power Switching
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak repetitive Reverse voltage
20
V
VRMS
RMS Voltage
20
V
IF(AV)
Average Forward Rectified Current
16
A
IFSM
Peak Forward Surge Current 8.3ms Single
Half Sine-wave Superimosed on Rated Load
120
A
TJ
Junction temperature
125
℃
Tstg
storage temperature
-40~125
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance, junction-to-case
3.5
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Forward voltage
IF= 4A
--
0.39
V
IR
Reverse leakage current
VR = 20V
--
10
mA


유사한 부품 번호 - YG882C02R

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
YG882C02R ETC1-YG882C02R Datasheet
52Kb / 3P
Schottky barrier diode
logo
Fuji Electric
YG882C02R FUJI-YG882C02R Datasheet
62Kb / 3P
SCHOTTKY BARRIER DIODE
More results

유사한 설명 - YG882C02R

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SBT1020 DIOTEC-SBT1020_07 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SBT1820 DIOTEC-SBT1820 Datasheet
121Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SBT2620 DIOTEC-SBT2620 Datasheet
115Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SBT1820 DIOTEC-SBT1820_13 Datasheet
132Kb / 2P
Schottky Barrier Rectifiers . Single Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com