전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1SS-0503SJZ. 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM1SS-0503SJZ.
상세설명  1 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1SS-0503SJZ. 데이터시트(HTML) 1 Page - AIMTEC

  AM1SS-0503SJZ. Datasheet HTML 1Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 2Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 3Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 4Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 5Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AM1SS-N(J)Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R11.F
REV: 05/20/A
1 of 6
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(VDC)
Output Voltage
(VDC)
Output Current
max (mA)
Isolation
(VDC)
Max.
Capacitive
Load (µF)
Efficiency
(%)
AM1SS-0303S-NZ ‡*
2.97-3.63
3.3
303
1500
220
72
AM1SS-0305S-NZ ‡
2.97-3.63
5
200
1500
220
76
AM1SS-0312S-NZ ‡
2.97-3.63
12
84
1500
220
80
AM1SS-0503S-NZ*
4.5-5.5
3.3
303
1500
220
72
AM1SS-0503SJZ*
4.5-5.5
3.3
303
1500
2400
74
AM1SS-0505S-NZ
4.5-5.5
5
200
1500
220
80
AM1SS-0505SJZ*
4.5-5.5
5
200
1500
2400
82
AM1SS-0509S-NZ
4.5-5.5
9
111
1500
220
80
AM1SS-0509SJZ*
4.5-5.5
9
111
1500
1000
83
AM1SS-0512S-NZ
4.5-5.5
12
84
1500
220
81
AM1SS-0512SJZ*
4.5-5.5
12
84
1500
560
83
AM1SS-0515S-NZ
4.5-5.5
15
67
1500
220
81
AM1SS-0515SJZ*
4.5-5.5
15
67
1500
560
83
AM1SS-0524S-NZ ‡
4.5-5.5
24
42
1500
220
81
AM1SS-0524SJZ*
4.5-5.5
24
42
1500
220
85
AM1SS-1203S-NZ*
10.8-13.2
3.3
303
1500
220
72
AM1SS-1205S-NZ
10.8-13.2
5
200
1500
220
80
AM1SS-1209S-NZ
10.8-13.2
9
110
1500
220
80
AM1SS-1212S-NZ
10.8-13.2
12
83
1500
220
81
AM1SS-1215S-NZ
10.8-13.2
15
67
1500
220
80
AM1SS-1224S-NZ
10.8-13.2
24
42
1500
220
80
AM1SS-1515S-NZ*
13.5-16.5
15
67
1500
220
81
AM1SS-2403S-NZ ‡*
21.6-26.4
3.3
303
1500
220
72
AM1SS-2405S-NZ ‡
21.6-26.4
5
200
1500
220
80
AM1SS-2409S-NZ ‡
21.6-26.4
9
110
1500
220
80
AM1SS-2412S-NZ ‡
21.6-26.4
12
83
1500
220
81
AM1SS-2415S-NZ ‡
21.6-26.4
15
67
1500
220
82
AM1SS-2424S-NZ ‡
21.6-26.4
24
42
1500
220
82
‡ With Momentary short circuit protection of 1 second
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
Nominal 3.3V input
Nominal 5 input
Nominal 12 input
Nominal 15 input
Nominal 24 input
2.97-3.63
4.5-5.5
10.8-13.2
13.5-16.5
21.6-26.4
VDC
Absolute Max Rating (1 sec. max.)
Nominal 3.3 input
Nominal 5 input
Nominal 12 input
Nominal 15 input
Nominal 24 input
5
9
18
21
30
VDC
Input no load current
3.3V output models with suffix NZ
30
70
mA
• Unregulated
• Operating temperature -40oC to +105oC
• 4 Pin SIP Package
• Input / Output isolation 1500 VDC
• Low ripple and noise
• Pin compatible with multiple manufacturers
• High efficiency up to 82%
• Continuous Short Circuit Protection
Click on Series name for product info on aimtec.com


유사한 부품 번호 - AM1SS-0503SJZ.

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1SS-0503SJZ AIMTEC-AM1SS-0503SJZ Datasheet
935Kb / 6P
DC-DC Converter
Rev: 08/21/A
More results

유사한 설명 - AM1SS-0503SJZ.

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com