전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD57070S 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 PD57070S
상세설명  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070S 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button PD57070S Datasheet HTML 3Page - STMicroelectronics PD57070S Datasheet HTML 4Page - STMicroelectronics PD57070S Datasheet HTML 5Page - STMicroelectronics PD57070S Datasheet HTML 6Page - STMicroelectronics PD57070S Datasheet HTML 7Page - STMicroelectronics PD57070S Datasheet HTML 8Page - STMicroelectronics PD57070S Datasheet HTML 9Page - STMicroelectronics PD57070S Datasheet HTML 10Page - STMicroelectronics PD57070S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
PD57070 - PD57070S
COMMON SOURCE S-PARAMETER (PD55070S)
(VDS = 28V IDS = 500mA)
FREQ
IS11IIS21IIS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.834
-156
19.73
88
0.012
2
0.715
-164
100
0.868
-166
9.48
76
0.012
-9
0.741
-168
150
0.887
-170
6.18
67
0.011
-16
0.766
-169
200
0.901
-172
4.36
60
0.011
-23
0.793
-169
250
0.912
-173
3.32
52
0.009
-29
0.822
-169
300
0.924
-174
2.58
46
0.008
-29
0.848
-170
350
0.934
-175
2.07
40
0.007
-34
0.870
-171
400
0.941
-176
1.69
35
0.006
-37
0.889
-172
450
0.948
-177
1.40
31
0.005
-35
0.905
-172
500
0.954
-178
1.17
27
0.005
-38
0.916
-173
550
0.958
-179
1.00
24
0.004
-28
0.925
-174
600
0.962
-179
0.86
21
0.003
-23
0.937
-175
650
0.967
180
0.75
18
0.003
-10
0.942
-176
700
0.968
179
0.66
15
0.002
-5
0.949
-176
750
0.970
179
0.59
13
0.002
14
0.954
-177
800
0.973
178
0.52
11
0.002
32
0.960
-178
850
0.970
177
0.47
9
0.002
44
0.961
-178
900
0.977
177
0.43
7
0.002
58
0.967
-179
950
0.976
177
0.39
5
0.003
64
0.969
-180
1000
0.976
176
0.35
4
0.003
72
0.970
180
1050
0.976
175
0.32
2
0.004
70
0.974
179
1100
0.980
175
0.30
0
0.004
75
0.974
179
1150
0.978
175
0.27
-2
0.005
77
0.977
178
1200
0.975
174
0.25
-3
0.005
76
0.974
178
1250
0.977
174
0.23
-4
0.005
80
0.976
177
1300
0.979
173
0.22
-6
0.006
86
0.973
177
1350
0.975
173
0.20
-7
0.007
87
0.973
176
1400
0.976
172
0.19
-7
0.007
89
0.976
176
1450
0.977
172
0.17
-9
0.007
88
0.974
176
1500
0.974
172
0.16
-9
0.008
110
0.975
175
S11∠Φ
S21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13