| 전자부품 데이터시트 검색엔진 |
|
9DB803DFLFT 데이터시트(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB803DFLFT 데이터시트(HTML) 11 Page - Renesas Technology Corp |
|
11 / 23 page ![]() ICS9DB803D EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2 IDT® EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2 11 ICS9DB803D REV N 071013 Common Recommendations for Differential Routing Dimension or Value Unit Figure L1 length, route as non-coupled 50ohm trace 0.5 max inch 1 L2 length, route as non-coupled 50ohm trace 0.2 max inch 1 L3 length, route as non-coupled 50ohm trace 0.2 max inch 1 Rs 33 ohm 1 Rt 49.9 ohm 1 Down Device Differential Routing L4 length, route as coupled microstrip 100ohm differential trace 2 min to 16 max inch 1 L4 length, route as coupled stripline 100ohm differential trace 1.8 min to 14.4 max inch 1 Differential Routing to PCI Express Connector L4 length, route as coupled microstrip 100ohm differential trace 0.25 to 14 max inch 2 L4 length, route as coupled stripline 100ohm differential trace 0.225 min to 12.6 max inch 2 SRC Reference Clock HCSL Output Buffer L1 L1' Rs L2 L2' Rs L4' L4 L3 L3' Rt Rt PCI Express Down Device REF_CLK Input Figure 1: Down Device Routing HCSL Output Buffer L1 L1' Rs L2 L2' Rs L4' L4 L3 L3' Rt Rt PCI Express Add-in Board REF_CLK Input Figure 2: PCI Express Connector Routing |