전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7008124 데이터시트(PDF) 3 Page - ledxon GmbH

부품명 7008124
상세설명  Recessed spotlight flat, 6W 620lm CRI80 4000K 40° black
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDXON [ledxon GmbH]
홈페이지  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

7008124 데이터시트(HTML) 3 Page - ledxon GmbH

  7008124 Datasheet HTML 1Page - ledxon GmbH 7008124 Datasheet HTML 2Page - ledxon GmbH 7008124 Datasheet HTML 3Page - ledxon GmbH 7008124 Datasheet HTML 4Page - ledxon GmbH 7008124 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
7008124
/
Page 3 5
OXOMI
Created on 09/14/2026
Voltage type
AC
Nominal voltage
230 V
No dim function
No
Light distribution
Symmetric
Beam angle
21-40° - Medium beam
Rated lifetime L70/B50 at 25 °C
40,000 h
Degree of protection (IP)
IP20
Degree of protection (NEMA)
Other
Impact strength
IK03
Protection class according to IEC 61140
II
Max. system power
6.00 W
Colour of light
White
Colour temperature
4,000.00 K
Colour rendering index CRI
80-89
Luminous flux
620.00 lm
Rated luminous flux according to IEC
62722-2-1
620 lm
Width
90 mm
Height/depth
30.00 mm
Length
90 mm
Outer diameter
90 mm
Colour consistency (McAdam ellipse)
SDCM3
Suitable for built-in mounting
Yes
With light source
Yes
Dimming phase cut-off (trailing edge)
Yes
Dimming phase cut-on (leading edge)
Yes



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com