전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SRM 데이터시트(PDF) 2 Page - Pro-Power

부품명 SRM
상세설명  SRM Series Semi-Rigid, Adhesive-Lined, Polyolefin Heat Shrink Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROPOWER [Pro-Power]
홈페이지  
Logo PROPOWER - Pro-Power

SRM 데이터시트(HTML) 2 Page - Pro-Power

  SRM Datasheet HTML 1Page - Pro-Power SRM Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.1
23/05/17
SRM Series
Semi-Rigid, Adhesive-Lined, Polyolefin Heat Shrink Tubing
Part Number Table
Description
Part Number
SRM Series, Semi-Rigid, Adhesive-Lined,
Polyolefin Heat Shrink Tubing
SRM-008-4025-BLK
SRM-012-4025-BLK
SRM-032-4005-BLK
SRM-048-4005-BLK
SRM-064-4005-BLK
SRM-008-6014-BLK
SRM-012-6012-BLK
SRM-016-6010-BLK
SRM-024-6008-BLK
Dimensions
Standard Packages
(Black)
Size Expanded
I.D. (Min)
Recovered
I.D. (Max.)
Recovered
Nominal Wall
Thickness
4 Foot Lengths (+1”, -0”)
Pcs
Total
Footage
Part Number
1/8"
0.125"
0.023"
0.038"
25
100 FT
SRM-008-4025-BLK
3/16"
0.187"
0.06"
0.043"
25
100 FT
SRM-012-4025-BLK
1/2"
0.5"
0.195"
0.055"
5
20 FT
SRM-032-4005-BLK
3/4"
0.75"
0.313"
0.065"
5
20 FT
SRM-048-4005-BLK
1"
1"
0.4"
0.075"
5
20 FT
SRM-064-4005-BLK
Dimensions
Standard Packages
(Black)
Size Expanded
I.D. (Min)
Recovered
I.D. (Max.)
Recovered
Nominal Wall
Thickness
6 Inch Lengths (±0.125”)
Pcs
Total
Footage
Part Number
1/8"
0.125"
0.023"
0.038"
14
7 FT
SRM-008-6014-BLK
3/16"
0.187"
0.06"
0.043"
12
6 FT
SRM-012-6012-BLK
1/4"
0.25"
0.08"
0.047"
10
5 FT
SRM-016-6010-BLK
3/8"
0.375"
0.135"
0.05"
8
4 FT
SRM-024-6008-BLK
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell Limited 2016.



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com