전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7008207 데이터시트(PDF) 3 Page - ledxon GmbH

부품명 7008207
상세설명  Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° Aluminum round
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDXON [ledxon GmbH]
홈페이지  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

7008207 데이터시트(HTML) 3 Page - ledxon GmbH

  7008207 Datasheet HTML 1Page - ledxon GmbH 7008207 Datasheet HTML 2Page - ledxon GmbH 7008207 Datasheet HTML 3Page - ledxon GmbH 7008207 Datasheet HTML 4Page - ledxon GmbH 7008207 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
7008207
/
Page 3 5
OXOMI
Created on 09/14/2026
Degree of protection (IP)
IP20
Degree of protection (NEMA)
Other
Protection class according to IEC 61140
I
Impact strength
IK03
Max. system power
1.50 W
Rated luminous flux according to IEC
62722-2-1
80 lm
Colour of light
White
Colour temperature
3,000.00 K
Colour rendering index CRI
80-89
Width
86 mm
Height/depth
48.00 mm
Length
86 mm
Diameter
86 mm
Meets min. EIA lifetime criterion L90 (at
50,000 hours at tq = 25 °C)
No
With light source
Yes
Suitable for built-in mounting
Yes
BATTERIES
Contains battery
No
CUSTOMS
CE Indicator
Yes
Country of origin
China (CN)
HAZARDOUS MATERIALS
RoHS applicable
True



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com